Electronic Components Datasheet Search
  English  ▼

X  

TP8305B Datasheet(PDF) 8 Page - Billiton Ltd.

Part # TP8305B
Description  High Efficiency TensIon-Flow Limited WLED Drive
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIC [Billiton Ltd.]
Direct Link  http://www.tp-asic.com/
Logo ASIC - Billiton Ltd.

TP8305B Datasheet(HTML) 8 Page - Billiton Ltd.

Back Button TP8305B Datasheet HTML 4Page - Billiton Ltd. TP8305B Datasheet HTML 5Page - Billiton Ltd. TP8305B Datasheet HTML 6Page - Billiton Ltd. TP8305B Datasheet HTML 7Page - Billiton Ltd. TP8305B Datasheet HTML 8Page - Billiton Ltd. TP8305B Datasheet HTML 9Page - Billiton Ltd. TP8305B Datasheet HTML 10Page - Billiton Ltd. TP8305B Datasheet HTML 11Page - Billiton Ltd. TP8305B Datasheet HTML 12Page - Billiton Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
南京拓微集成电路有限公司
NanJing Top Power ASIC Corp.
REV_1.1
8
3.5
3
2.5
2
1.5
1
100
90
80
70
60
50
40
30
20
10
0
输入电压(V)
效率与Vin曲线
方案3测试电路,
恒压输出3.6V
L=4.7uH
Rf=61mΩ,
RS=20mΩ。
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
效率曲线
Iout曲线
20
40
60
80
100 120
850
800
750
700
650
600
550
500
450
400
温度(℃)
频率的温度特性
350
静态电路下测试,
Vdd=CE=2.5,FB接
地。Vin端接22uF电
容
20
40
60
80
100 120
1000
900
800
700
600
500
400
300
200
100
温度(℃)
IIN温度特性(限流模式)
0
方案1,限流1A,
Vin=3V,L=4.7uH,
Vout=3.6V,Rf=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com