Electronic Components Datasheet Search
  English  ▼

X  

MSM9005 Datasheet(PDF) 22 Page - OKI electronic componets

Part # MSM9005
Description  DOT MATRIX LCD CONTROLLER WITH 8-DOT COMMON DRIVER AND 65-DOT SEGMENT DRIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9005 Datasheet(HTML) 22 Page - OKI electronic componets

Back Button MSM9005 Datasheet HTML 18Page - OKI electronic componets MSM9005 Datasheet HTML 19Page - OKI electronic componets MSM9005 Datasheet HTML 20Page - OKI electronic componets MSM9005 Datasheet HTML 21Page - OKI electronic componets MSM9005 Datasheet HTML 22Page - OKI electronic componets MSM9005 Datasheet HTML 23Page - OKI electronic componets MSM9005 Datasheet HTML 24Page - OKI electronic componets MSM9005 Datasheet HTML 25Page - OKI electronic componets MSM9005 Datasheet HTML 26Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
¡ Semiconductor
MSM9005-xx
22/30
FEDL9005-03
5. Arbitrator Blink command (ABB command)
This command is used to start writing arbitrator blink data to ABB RAM in 1-dot unit. This
command is used with the ABB 1/5 command described above.
After setting AB = "1", setting the C/D pin from "1" to "0" enables writing arbitrator blink data
to ABB RAM in 1-dot unit. After arbitrator blink data is transferred, the address pointer is
automatically incremented by 1, and arbitrator blink data can be transferred continuously.
Set the address pointer value by the LPA command before executing this command. Transfer
the ABBC 1/5 command, ABB command and arbitrator blink data as follows.
[How to transfer LPA command, ABBC 1/5 command, ABB command and arbitrator blink data]
*: Don't care
11*00000
D8 D7 D6 D5 D4 D3 D2 D1
LPA
command
10011101
D8 D7 D6 D5 D4 D3 D2 D1
ABBC1/5
command
(Repeats nine times.)
10001101
D8 D7 D6 D5 D4 D3 D2 D1
ABB
command
*
*
* AB4 AB3 AB2 AB1 AB0
D8 D7 D6 D5 D4 D3 D2 D1
Arbitrator
blink data
*
*
* AB4 AB3 AB2 AB1 AB0
D8 D7 D6 D5 D4 D3 D2 D1
Arbitrator
blink data
*
*
* AB4 AB3 AB2 AB1 AB0
D8 D7 D6 D5 D4 D3 D2 D1
Arbitrator
blink data
Specify the address pointer value.
(Example: Set the address pointer to 10H.)
Set BC = “1” to enable writing in 1-dot unit.
Set AB = “1” to start writing in 1-dot unit.
Arbitrator blink data is written to ABB RAM address 10H,
and the arbitrator specified in segments 1 to 5 starts blinking.
After this command is executed, the address pointer value
becomes 11H.
Arbitrator blink data is written to ABB RAM address 11H,
and the arbitrator specified in segments 6 to 10 starts blinking.
After this command is executed, the address pointer value
becomes 12H.
Arbitrator blink data is written to ABB RAM address 1BH,
and the arbitrator specified in segments 59 to 60 starts
blinking.
After this command is executed, the address pointer value
becomes 1CH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com