Electronic Components Datasheet Search
  English  ▼

X  

MSM9005 Datasheet(PDF) 14 Page - OKI electronic componets

Part # MSM9005
Description  DOT MATRIX LCD CONTROLLER WITH 8-DOT COMMON DRIVER AND 65-DOT SEGMENT DRIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9005 Datasheet(HTML) 14 Page - OKI electronic componets

Back Button MSM9005 Datasheet HTML 10Page - OKI electronic componets MSM9005 Datasheet HTML 11Page - OKI electronic componets MSM9005 Datasheet HTML 12Page - OKI electronic componets MSM9005 Datasheet HTML 13Page - OKI electronic componets MSM9005 Datasheet HTML 14Page - OKI electronic componets MSM9005 Datasheet HTML 15Page - OKI electronic componets MSM9005 Datasheet HTML 16Page - OKI electronic componets MSM9005 Datasheet HTML 17Page - OKI electronic componets MSM9005 Datasheet HTML 18Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
¡ Semiconductor
MSM9005-xx
14/30
FEDL9005-03
How to Read Display Data
• Display data is output sequentially from MSB in 8-bit units (MSB first).
• Setting S = "1" by the SOE/D command after setting the CS pin at "H" level enables the output
of display data from the SO pin.
• Setting the CS pin at "L" level or setting S = "0" by the SOE/D command sets the SO pin to high
impedance and disables output of display data.
• CGARAM or ABRAM data corresponding to the address pointer value is output.
• Display data is output from MSB on the falling edge of the shift clock that is input to the SHT
pin, as shown in the figure below.
Read timing is shown below.
(Example) Reading by AINC command The wait time of 21
× 1/fOSC is required
21 x 1/fOSC
21 x 1/fOSC
Don't Care
Don't Care
Don't Care
11*0000 1
100*1*
1
*
100*1*1*
CS
C/D
SHT
Address
pointer
SI
SO
MSB
LSB
Display data at address
00h of CGA RAM
MSB
LSB
Display data at address
01h of CGA RAM
"HZ"
00h
WAIT
WAIT
01h
SOE/D command
AINC command
AINC command
0
0
0
RD4 RD3 RD2 RD1 RD
0
0
0
0
RD4 RD3 RD2 RD1 RD
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com