Electronic Components Datasheet Search
  English  ▼

X  

MSM9005 Datasheet(PDF) 28 Page - OKI electronic componets

Part # MSM9005
Description  DOT MATRIX LCD CONTROLLER WITH 8-DOT COMMON DRIVER AND 65-DOT SEGMENT DRIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9005 Datasheet(HTML) 28 Page - OKI electronic componets

Back Button MSM9005 Datasheet HTML 22Page - OKI electronic componets MSM9005 Datasheet HTML 23Page - OKI electronic componets MSM9005 Datasheet HTML 24Page - OKI electronic componets MSM9005 Datasheet HTML 25Page - OKI electronic componets MSM9005 Datasheet HTML 26Page - OKI electronic componets MSM9005 Datasheet HTML 27Page - OKI electronic componets MSM9005 Datasheet HTML 28Page - OKI electronic componets MSM9005 Datasheet HTML 29Page - OKI electronic componets MSM9005 Datasheet HTML 30Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
¡ Semiconductor
MSM9005-xx
28/30
FEDL9005-03
REFERENCE DATA
Oscillation Circuit Characteristics
140
120
100
80
60
40
20
0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
VDD (V)
RC oscillation characteristics
(R=65.5kW fixed)
C=29.4pF
C=56.6pF
C=121pF
200
150
100
50
0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
VDD (V)
RC oscillation characteristics
(C=56.6pF fixed)
R=26.6kW
R=65.5kW
R=104kW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com