Electronic Components Datasheet Search
  English  ▼

X  

MSM9005 Datasheet(PDF) 24 Page - OKI electronic componets

Part # MSM9005
Description  DOT MATRIX LCD CONTROLLER WITH 8-DOT COMMON DRIVER AND 65-DOT SEGMENT DRIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9005 Datasheet(HTML) 24 Page - OKI electronic componets

Back Button MSM9005 Datasheet HTML 20Page - OKI electronic componets MSM9005 Datasheet HTML 21Page - OKI electronic componets MSM9005 Datasheet HTML 22Page - OKI electronic componets MSM9005 Datasheet HTML 23Page - OKI electronic componets MSM9005 Datasheet HTML 24Page - OKI electronic componets MSM9005 Datasheet HTML 25Page - OKI electronic componets MSM9005 Datasheet HTML 26Page - OKI electronic componets MSM9005 Datasheet HTML 27Page - OKI electronic componets MSM9005 Datasheet HTML 28Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
¡ Semiconductor
MSM9005-xx
24/30
FEDL9005-03
6. Blink Pattern Control Command (BPC command)
This command is used to select the blink pattern of characters.
If BP = "1" is set, the display repeats all lighting off and character displays. If BP = "0" is set,
the display repeats all light on and character displays.
This command cannot be set for each address pointer value. If this command is executed, 13
characters are set at the same blink pattern.
[BPC Command Format]
100*001
BP
D8 D7 D6 D5 D4 D3 D2 D1
When BP = "1"
When BP = "0"
7. Address Increment Command (AINC Command)
This command is used to increment the address pointer value by +1. After this command is
executed, the processing being set by the LOT command, described below, is performed on
the RAM corresponding to the address pointer value before being incremented by +1.
[AINC Command Format]
100*1*1*
D8 D7 D6 D5 D4 D3 D2 D1
8. Load Option Command (LOT Command)
This command is used to process the display corresponding to the address pointer value
before being incremented by 1 when the AINC command is executed.
If I0 = "1" is set, all "0s" are written to CGA RAM and AB RAM each time the AINC command
is executed. CG ROM code "00h" is displayed on the character display and the arbitrator goes
out.
If I1 = "1" is set, all "0"s are written to CHB RAM and ABB RAM each time the AINC command
is executed. Therefore character and arbitrator blinking is cleared.
I0 and I1 can be set independently. If I0 = "1" and I1 = "1" are set, "0" is written to all CG RAM,
AB RAM, CHB RAM and ABB RAM.
[LOT Command Format]
1011**
I1
I0
D8 D7 D6 D5 D4 D3 D2 D1
*: Don't care
*: Don't care
*: Don't care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com