Electronic Components Datasheet Search
  English  ▼

X  

MSM9005 Datasheet(PDF) 19 Page - OKI electronic componets

Part # MSM9005
Description  DOT MATRIX LCD CONTROLLER WITH 8-DOT COMMON DRIVER AND 65-DOT SEGMENT DRIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9005 Datasheet(HTML) 19 Page - OKI electronic componets

Back Button MSM9005 Datasheet HTML 15Page - OKI electronic componets MSM9005 Datasheet HTML 16Page - OKI electronic componets MSM9005 Datasheet HTML 17Page - OKI electronic componets MSM9005 Datasheet HTML 18Page - OKI electronic componets MSM9005 Datasheet HTML 19Page - OKI electronic componets MSM9005 Datasheet HTML 20Page - OKI electronic componets MSM9005 Datasheet HTML 21Page - OKI electronic componets MSM9005 Datasheet HTML 22Page - OKI electronic componets MSM9005 Datasheet HTML 23Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
¡ Semiconductor
MSM9005-xx
19/30
FEDL9005-03
2. Display on/off command (DISP command)
This command is used to select LCD panel display-on mode and display-off mode. Setting
DI = "0" enters display-off mode. At this time, the output voltage of all segments and common
output pins go to VDD level and the LCD panel goes out. Setting DI = "1" enters display-on
mode. At this time, the LCD panel restarts the status display before entering display-off
mode.
[DISP command format]
100*100
DI
D8 D7 D6 D5 D4 D3 D2 D1
DISP
command
Display-off mode is set when DI = “0”
Display-on mode is set when DI = “1”
*: Don't care
3. Arbitrator Blink Control 1/5 command (ABBC 1/5 command)
This command is used to select the type of writing arbitrator blink data to the Arbitrator Blink
RAM (ABB RAM). This command is used along with the Character Blink on/off command
or with the Arbitrator Blink command, explained below.
Setting BC = "0" enables writing arbitrator blink data in 5-bit units using the CHB command.
Setting BC = "1" enables writing arbitrator blink data in 1 bit unit using the ABB command.
[ABBC 1/5 command format]
1001110
BC
D8 D7 D6 D5 D4 D3 D2 D1
DISP
command
BC = "0" enables writing in 5-bit unit.
BC = "1" enables writing in 1-bit unit.
4. Character Blink on/off command (CHB command)
This command is used to blink a character and arbitrator in 5-dot units. Blinking can be set
for each address pointer value. This command is used with the ABBC 1/5 command,
explained above.
If CB = "0" is set when the address pointer value is 00H to 0CH, "0" is written to Character Blink
RAM (CHB RAM), and the blinking of a character displayed in the segments corresponding
to the address pointer value stops. If CB = "1" is set, "1" is written to CHB RAM, and the
character displayed in the segments corresponding to the address pointer value starts
blinking.
If CB = "0" is set when the address pointer value is 10H to 1CH, "0" is written to the arbitrator
blink RAM (ABB RAM) and the blinking of the arbitrator displayed in the segments
corresponding to the address pointer value stops. If CB = "1" is set, "1" is written to the ABB
RAM, and the arbitrator displayed in the segments corresponding to the address pointer
value starts blinking.
Set the address pointer value by the LPA command before executing this command.
Transfer the LPA command, ABBC 1/5 command and CHB command as follows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com