Electronic Components Datasheet Search
  English  ▼

X  

MSM9005 Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM9005
Description  DOT MATRIX LCD CONTROLLER WITH 8-DOT COMMON DRIVER AND 65-DOT SEGMENT DRIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9005 Datasheet(HTML) 5 Page - OKI electronic componets

  MSM9005 Datasheet HTML 1Page - OKI electronic componets MSM9005 Datasheet HTML 2Page - OKI electronic componets MSM9005 Datasheet HTML 3Page - OKI electronic componets MSM9005 Datasheet HTML 4Page - OKI electronic componets MSM9005 Datasheet HTML 5Page - OKI electronic componets MSM9005 Datasheet HTML 6Page - OKI electronic componets MSM9005 Datasheet HTML 7Page - OKI electronic componets MSM9005 Datasheet HTML 8Page - OKI electronic componets MSM9005 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
¡ Semiconductor
MSM9005-xx
5/30
FEDL9005-03
36
50
VDD
VSS
—
35
VLCD1
——
VLCD1=VDD –
VLCD2=VDD –
VLCD3=VDD –
—
(VDD–VLCD4)
(VDD–VLCD4)
(VDD–VLCD4)
4
1
4
2
4
3
34
VLCD2
33
VLCD3
31
VLCD4
Pin
Symbol Type Connected to
Description
These are power pins. Set VDD = 2.5 to 5.5V and VSS = 0V.
These are bias power pins for driving the LCD. Set the bias
voltage as follows.
4 V £ VDD – VLCD4 £ 8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com