Electronic Components Datasheet Search
  English  ▼

X  

MSM9005 Datasheet(PDF) 16 Page - OKI electronic componets

Part # MSM9005
Description  DOT MATRIX LCD CONTROLLER WITH 8-DOT COMMON DRIVER AND 65-DOT SEGMENT DRIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9005 Datasheet(HTML) 16 Page - OKI electronic componets

Back Button MSM9005 Datasheet HTML 12Page - OKI electronic componets MSM9005 Datasheet HTML 13Page - OKI electronic componets MSM9005 Datasheet HTML 14Page - OKI electronic componets MSM9005 Datasheet HTML 15Page - OKI electronic componets MSM9005 Datasheet HTML 16Page - OKI electronic componets MSM9005 Datasheet HTML 17Page - OKI electronic componets MSM9005 Datasheet HTML 18Page - OKI electronic componets MSM9005 Datasheet HTML 19Page - OKI electronic componets MSM9005 Datasheet HTML 20Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
¡ Semiconductor
MSM9005-xx
16/30
FEDL9005-03
Command Description
1. Load pointer address command (LPA command)
This command is used to set the value of the address pointer. Execute this command before
transferring other commands, CG ROM code data and arbitrator display data.
After this command is executed, setting the C/D pin from "1" to "0" enables writing CG ROM
code data to CG ROM address RAM (CGA RAM) and arbitrator display data to arbitrator
RAM (ABRAM). After CG ROM code data or arbitrator display data is transferred, the
address pointer is automatically incremented (+1), and CG ROM code data and arbitrator
display data can be transferred continuously.
[How to transfer LPA command and CG ROM code data]
11*00000
D8 D7 D6 D5 D4 D3 D2 D1
LPA
command
Specify address pointer value
(Example: Set address pointer value to 00H.)
CG ROM code data is written to CGA RAM address 00H, and
the character corresponding to the specified CG ROM code
is displayed in segments 1 to 5.
After this data transfer is executed, the address pointer value
becomes 01H.
CG ROM code data is written to CGA RAM address 01H, and
the character corresponding to the specified CG ROM code
is displayed at segments 6 to 10.
After this data transfer is executed, the address pointer value
becomes 02H.
CG ROM code data is written to CGA RAM address 02H, and
the character corresponding to the specified CG ROM code
can be displayed at segments 11 to15.
After this data transfer is executed, the address pointer value
becomes 03H.
C7 C6 C5 C4 C3 C2 C1 C0
D8 D7 D6 D5 D4 D3 D2 D1
CG ROM
code data
CG ROM code data is written to CGA RAM address 0BH, and
the character corresponding to the specified CG ROM code
can be displayed at segments 56 to 60.
After this data transfer is executed, the address pointer value
becomes 0CH.
C7 C6 C5 C4 C3 C2 C1 C0
D8 D7 D6 D5 D4 D3 D2 D1
CG ROM
code data
C7 C6 C5 C4 C3 C2 C1 C0
D8 D7 D6 D5 D4 D3 D2 D1
CG ROM
code data
C7 C6 C5 C4 C3 C2 C1 C0
D8 D7 D6 D5 D4 D3 D2 D1
CG ROM
code data
(Repeats eight times.)
*: Don't care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com