Electronic Components Datasheet Search
  English  ▼

X  

FR9801 Datasheet(PDF) 2 Page - Fitipower Integrated Technology Inc.

Part # FR9801
Description  21V, 2A, 600KHz Synchronous Step-Down DC/DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FR9801 Datasheet(HTML) 2 Page - Fitipower Integrated Technology Inc.

  FR9801 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
FR9801-0.5-JUL-2013
FR9801
85T
fitipower integrated technology lnc.
Typical Application Circuit
FR9801
GND
VIN
BST
FB
LX
VIN
4.5V to 21V
VOUT
10
μF/25V
CERAMIC x 2
22
μF/6.3V
CERAMIC x 2
L1
4.7
μH
R2
R1
R3
100k
Ω
1
5
6
2
3
4
C4
C1
C2
C3
0.1
μF
SHDN
3.3V
9.76k
Ω 1%
30.9k
Ω 1%
(optional)
Figure 2. CIN /COUT use Ceramic Capacitors Application Circuit
FR9801
GND
VIN
BST
FB
LX
VIN
4.5V to 21V
VOUT
0.1
μF/25V
CERAMIC x 1
100
μF/6.3V
EC x 1
R2
R1
1
5
6
2
3
4
C1
C2
100
μF/25V
EC x 1
C9
L1
4.7
μH
C3
0.1
μF
R3
100k
Ω
SHDN
3.3V
30.9k
Ω 1%
9.76k
Ω 1%
Figure 3. CIN/COUT use Electrolytic Capacitors Application Circuit
VOUT
C1
R1
R2
C9
C4
L1
C2
1.2V
10μF MLCC x2
4.99k
Ω
10k
Ω
--
200pF~1nF
2.2μH
22μF MLCC x2
1.8V
10μF MLCC x2
4.99k
Ω
3.92k
Ω
--
200pF~1nF
2.2μH
22μF MLCC x2
2.5V
10μF MLCC x2
4.99k
Ω
2.32k
Ω
--
200pF~1nF
4.7μH
22μF MLCC x2
3.3V
10μF MLCC x2
30.9k
Ω
9.76k
Ω
--
200pF~1nF
4.7
μH
22μF MLCC x2
5V
10μF MLCC x2
30.9k
Ω
5.76k
Ω
--
200pF~1nF
4.7
μH
22μF MLCC x2
1.2V
100μF EC x1
4.99k
Ω
10k
Ω
0.1μF
--
2.2μH
100μF EC x1
1.8V
100μF EC x1
4.99k
Ω
3.92k
Ω
0.1μF
--
2.2μH
100μF EC x1
2.5V
100μF EC x1
4.99k
Ω
2.32k
Ω
0.1μF
--
4.7μH
100μF EC x1
3.3V
100μF EC x1
30.9k
Ω
9.76k
Ω
0.1μF
--
4.7μH
100μF EC x1
5V
100μF EC x1
30.9k
Ω
5.76k
Ω
0.1μF
--
4.7μH
100μF EC x1
Table 1. Recommended Component Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com