Electronic Components Datasheet Search
  English  ▼

X  

FR9801 Datasheet(PDF) 7 Page - Fitipower Integrated Technology Inc.

Part # FR9801
Description  21V, 2A, 600KHz Synchronous Step-Down DC/DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FR9801 Datasheet(HTML) 7 Page - Fitipower Integrated Technology Inc.

Back Button FR9801 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 10Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 11Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
FR9801-0.5-JUL-2013
FR9801
85T
fitipower integrated technology lnc.
Typical Performance Curves (Continued)
VIN=12V, VOUT=3.3 , C1=10μF x 2, C2=22μF x 2, L1=4.7μH, TA=+25°C, unless otherwise noted.
Figure 11. Feedback Voltage vs. Temperature
Figure 12. Switching Frequency vs. Temperature
IOUT=0A
2
μs/div.
IOUT=2A
2
μs/div.
Figure 13. Steady State Waveform
Figure 14. Steady State Waveform
IOUT=0A
4ms/div.
IOUT=2A
4ms/div.
Figure 15. Power On through VIN Waveform
Figure 16. Power On through VIN Waveform
0.786
0.788
0.790
0.792
0.794
0.796
0.798
0.800
0.802
0.804
0.806
0.808
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100110
Ambient Temperature (°C)
500
520
540
560
580
600
620
640
660
680
700
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100110
Ambient Temperature (°C)
VOUT 10mV/div.
IL
1A/div.
VLX
5V/div.
VOUT 10mV/div.
IL
1A/div.
VLX
5V/div.
VIN
5V/div.
VOUT
1V/div.
IL
1A/div.
VLX
5V/div.
VIN
5V/div.
VOUT
1V/div.
IL
1A/div.
VLX
5V/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com