Electronic Components Datasheet Search
  English  ▼

X  

FR9801 Datasheet(PDF) 5 Page - Fitipower Integrated Technology Inc.

Part # FR9801
Description  21V, 2A, 600KHz Synchronous Step-Down DC/DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FR9801 Datasheet(HTML) 5 Page - Fitipower Integrated Technology Inc.

  FR9801 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
FR9801-0.5-JUL-2013
FR9801
85T
fitipower integrated technology lnc.
Electrical Characteristics
(VIN=12V, TA=25°C, unless otherwise specified.)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
VIN Input Supply Voltage
VIN
4.5
21
V
VIN Quiescent Current
IDDQ
SH
=1.8V, VFB=1.0V
2.5
mA
VIN Shutdown Supply Current
ISD
SH
=0V
1
μA
Feedback Voltage
VFB
4.5V≦VIN≦21V
0.78
0.8
0.82
V
Feedback OVP Threshold Voltage
VOVP
1.4
V
High-Side MOSFET RDS(ON)
(Note 2)
RDS(ON)
120
mΩ
Low-Side MOSFET RDS(ON)
(Note 2)
RDS(ON)
110
mΩ
High-Side MOSFET Leakage
Current
ILX(leak)
SH
=0V, VLX=0V
10
μA
High-Side MOSFET Current Limit
(Note 2)
ILIMIT(HS)
Minimum Duty
2.5
3
A
Low-Side MOSFET Current Limit
(Note 2)
ILIMIT(LS)
From Drain to Source
1.5
A
Error Amplifier Voltage Gain
(Note 2)
400
V/V
Oscillation Frequency
FOSC
480
600
720
KHz
Short Circuit Oscillation Frequency
FOSC(short)
VFB=0V
160
KHz
Maximum Duty Cycle
DMAX
VFB=0.6V
85
%
Minimum On Time
(Note 2)
TMIN
100
ns
Input UVLO Threshold
VUVLO(Vth)
VIN Rising
4.3
V
Under Voltage Lockout Threshold
Hysteresis
VUVLO(HYS)
400
mV
SH
Input Low Voltage
SH
(L
0.4
V
SH
Input High Voltage
SH
(H
2
V
SH
Input Current
SH
VIN =2V
2
μA
Thermal Shutdown Threshold
(Note 2)
TSD
160
°C
Note 2:Not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com