Electronic Components Datasheet Search
  English  ▼

X  

FR9801 Datasheet(PDF) 10 Page - Fitipower Integrated Technology Inc.

Part # FR9801
Description  21V, 2A, 600KHz Synchronous Step-Down DC/DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FR9801 Datasheet(HTML) 10 Page - Fitipower Integrated Technology Inc.

Back Button FR9801 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 10Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 11Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 12Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 13Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 14Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
FR9801-0.5-JUL-2013
FR9801
85T
fitipower integrated technology lnc.
Function Description
The
FR9801
is
a
high
efficiency,
internal
compensation and constant frequency current mode
synchronous
step-down
DC/DC
converter.
It
regulates input voltage from 4.5V to 21V and down to
output voltage as low as 0.8V.
Control Loop
Under normal operation, the output voltage is sensed
by FB pin through a resistive voltage divider and
amplified through the error amplifier.
The voltage of
error amplifier output is compared to the switch
current to control the RS latch.
At the beginning of
each clock cycle, the high-side NMOS turns on when
the oscillator sets the RS latch, and turns off when
current comparator resets the RS latch.
Then the
low-side NMOS will turn on until the clock period
ends.
Enable
The FR9801
SH
pin provides digital control to
turn on/off the regulator.
When the voltage of
SH
exceeds the threshold voltage, the regulator
will start the soft start function.
If the
SH
pin
voltage is below the shutdown threshold voltage, the
regulator will turn into the shutdown mode and the
shutdown current will be
smaller than 1μA.
For
auto start-up operation, connect
SH
to VIN
through a 100KΩ resistor.
Soft Start
The FR9801 employs internal soft start function to
reduce input inrush current during start up.
The
typical value of internal soft start time is 1ms.
Output Over Voltage Protection
When the FB pin voltage exceeds 1.4V, the output
over voltage protection function will be triggered and
turn off the high-side/low-side MOSFET.
Input Under Voltage Lockout
When the FR9801 is power on, the internal circuits will
be held inactive until VIN voltage exceeds the input
UVLO threshold voltage.
And the regulator will be
disabled when VIN is below the input UVLO threshold
voltage.
The hysteretic of the UVLO comparator is
400mV (typ).
Short Circuit Protection
The FR9801 provides short circuit protection
function to prevent the device damaged from short
condition.
When the short condition occurs and
the feedback voltage drops lower than 0.4V, the
oscillator frequency will be reduced to 160KHz to
prevent the inductor current increasing beyond the
current limit.
In the meantime, the current limit will
also be reduced to lower the short current.
Once
the short condition is removed, the frequency and
current limit will return to normal.
Over Current Protection
The FR9801 over current protection function is
implemented by using cycle-by-cycle current limit
architecture.
The inductor current is monitored by
measuring the high-side MOSFET series sense
resistor voltage.
When the load current increases,
the inductor current will also increase.
When the
peak inductor current reaches the current limit
threshold, the output voltage will start to drop.
When the over current condition is removed, the
output voltage will return to the regulated value.
Over Temperature Protection
The FR9801 incorporates an over temperature
protection circuit to protect itself from overheating.
When the junction
temperature
exceeds
the
thermal
shutdown
threshold
temperature,
the
regulator will be shutdown.
And the hysteretic of
the over temperature protection is 60°C (typ).
Internal Compensation Function
The stability of the feedback circuit is controlled by
internal compensation circuits.
This internal
compensation function is optimized for most
applications, and this function can reduce external
R, C components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com