Electronic Components Datasheet Search
  English  ▼

X  

FR9801 Datasheet(PDF) 1 Page - Fitipower Integrated Technology Inc.

Part # FR9801
Description  21V, 2A, 600KHz Synchronous Step-Down DC/DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FR9801 Datasheet(HTML) 1 Page - Fitipower Integrated Technology Inc.

  FR9801 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
FR9801-0.5-JUL-2013
FR9801
85T
fitipower integrated technology lnc.
21V, 2A, 600KHz Synchronous Step-Down
DC/DC Converter
Pin Assignments
S6 Package (SOT-23-6)
2
1
3
6
4
5
(Marking)
BST
LX
GND FB
VIN SHDN
Figure 1. Pin Assignment of FR9801
Ordering Information
SOT-23-6 Marking
Part Number
Product Code
FR9801S6CTR
B1G
Description
The FR9801 is a synchronous step-down DC/DC
converter that provides wide 4.5V to 21V input
voltage range and 2A continuous load current
capability.
The FR9801 fault protection includes cycle-by-cycle
current limit, UVLO, output overvoltage protection
and thermal shutdown.
The adjustable soft-start
function prevents inrush current at turn-on.
This
device uses current mode control scheme which
provides
fast
transient
response.
Internal
compensation
function
reduces
external
compensation components and simplifies the design
process.
In shutdown mode, the supply current is
less than 1μA.
The FR9801 is available in SOT-23-6 package and
provides good thermal conductance.
Features
High Efficiency up to 94%
Low RDS(ON) Integrated Power MOSFET
Internal Compensation Function
Wide Input Voltage Range: 4.5V to 21V
Adjustable Output Voltage from 0.8V to 17.85V
2A Output Current
Fixed 600KHz Switching Frequency
Current Mode Operation
Cycle-by-Cycle Current Limit
Over-Temperature Protection with Auto Recovery
Output Overvoltage Protection
Under Voltage Lockout
<
1μA Shutdown Current
SOT-23-6
Package
Applications
STB (Set-Top-Box)
LCD Display, TV
Distributed Power System
Networking, XDSL Modem
C: Green
TR: Tape/Reel
FR9801
□□□
Package Type
S6: SOT-23-6


Similar Part No. - FR9801

ManufacturerPart #DatasheetDescription
logo
Fitipower Integrated Te...
FR9806 FITIPOWER-FR9806 Datasheet
942Kb / 12P
21V, 3A, 500KHz Synchronous PWM-Buck DC/DC Converter
FR9806SPGTR FITIPOWER-FR9806SPGTR Datasheet
942Kb / 12P
21V, 3A, 500KHz Synchronous PWM-Buck DC/DC Converter
FR9808 FITIPOWER-FR9808 Datasheet
1Mb / 13P
21V, 4A, 500KHz Synchronous PWM-Buck DC/DC Converter
FR9808SPGTR FITIPOWER-FR9808SPGTR Datasheet
1Mb / 13P
21V, 4A, 500KHz Synchronous PWM-Buck DC/DC Converter
FR9809 FITIPOWER-FR9809 Datasheet
1Mb / 13P
21V, 5A, 500KHz Synchronous PWM-Buck DC/DC Converter
More results

Similar Description - FR9801

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7262E RICHTEK-RT7262E Datasheet
380Kb / 17P
2A, 21V 500kHz Synchronous Step-Down Converter
RT8286 RICHTEK-RT8286 Datasheet
418Kb / 14P
2A, 21V 500kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP28262 MPS-MP28262 Datasheet
331Kb / 14P
2A, 21V, 1.1MHz Synchronous Step-down Converter
logo
ELM Electronics
ELM605DA ELM-ELM605DA Datasheet
827Kb / 13P
2A synchronous step-down DC/DC converter
logo
Fitipower Integrated Te...
FR9886A FITIPOWER-FR9886A Datasheet
654Kb / 13P
21V, 2A, 1.2MHz Synchronous Step-Down DC/DC Converter
FR9886C FITIPOWER-FR9886C Datasheet
949Kb / 14P
21V, 2A/2.5A, 340KHz Synchronous Step-Down DC/DC Converter
FR9701 FITIPOWER-FR9701 Datasheet
698Kb / 12P
23V, 2A, 600KHz Asynchronous Synchronous Step-Down DC/DC Converter
FR9888A FITIPOWER-FR9888A Datasheet
1Mb / 13P
21V, 3A, 1.2MHz Synchronous Step-Down DC/DC Converter
FR97063A FITIPOWER-FR97063A Datasheet
831Kb / 12P
23V, 2A, 600KHz Asynchronous Step-Down DC/DC Converter
logo
SHOUDING Shouding Semic...
SD8910 SHOUDING-SD8910 Datasheet
2Mb / 14P
2A , 21V 600KHz Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com