Electronic Components Datasheet Search
  English  ▼

X  

FR9801 Datasheet(PDF) 4 Page - Fitipower Integrated Technology Inc.

Part # FR9801
Description  21V, 2A, 600KHz Synchronous Step-Down DC/DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FR9801 Datasheet(HTML) 4 Page - Fitipower Integrated Technology Inc.

  FR9801 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
FR9801-0.5-JUL-2013
FR9801
85T
fitipower integrated technology lnc.
Absolute Maximum Ratings (Note 1)
● Supply Voltage V
IN ------------------------------------------------------------------------------------------- -0.3V to +23V
● Enable Voltage
SH
------------------------------------------------------------------------------------- -0.3V to +23V
● LX Voltage V
LX (50ns) -------------------------------------------------------------------------------------- -1V to VIN+0.3V
● BST Pin Voltage V
BST --------------------------------------------------------------------------------------
VLX-0.3V to VLX+6V
● All Other Pins Voltage ------------------------------------------------------------------------------------- -0.3V to +6V
● Maximum Junction Temperature (T
J) ------------------------------------------------------------------
+150°C
● Storage Temperature (T
S) --------------------------------------------------------------------------------
-65°C to +150°C
● Lead Temperature (Soldering, 10sec.) ---------------------------------------------------------------- +260°C
● Package Thermal Resistance, (θ
JA)
SOT-23-6
-------------------------------------------------------------------------------------------- +250°C/W
● Package Thermal Resistance, (θ
JC)
SOT-23-6
-------------------------------------------------------------------------------------------- +110°C/W
Note 1:Stresses beyond this listed
under “Absolute Maximum Ratings" may cause permanent damage to the device.
Recommended Operating Conditions
● Supply Voltage V
IN ------------------------------------------------------------------------------------------- +4.5V to +21V
● Operation Temperature Range -------------------------------------------------------------------------- -40°C to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com