Electronic Components Datasheet Search
  English  ▼

X  

FR9801 Datasheet(PDF) 3 Page - Fitipower Integrated Technology Inc.

Part # FR9801
Description  21V, 2A, 600KHz Synchronous Step-Down DC/DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FR9801 Datasheet(HTML) 3 Page - Fitipower Integrated Technology Inc.

  FR9801 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
FR9801-0.5-JUL-2013
FR9801
85T
fitipower integrated technology lnc.
Functional Pin Description
I/O
Pin Name
Pin No.
Pin Function
I
FB
3
Voltage Feedback Input Pin.
Connect FB and VOUT with a resistive voltage divider.
This IC
senses feedback voltage via FB and regulates it at 0.8V.
I
VIN
5
Power Supply Input Pin.
Drive VIN pin by 4.5V to 21V voltage to power on the chip.
I
4
Enable Input Pin.
This pin is a digital control input which turns the converter on or off.
Connect to
VIN with a 100k
Ω resistor for self-startup.
I
GND
2
Ground Pin.
O
LX
6
Power Switching Output.
LX is the output of the internal high side NMOS switch.
O
BST
1
High Side Gate Drive Boost Pin.
A capacitor rating between 10nF~100nF must be connected from
this pin to LX.
It can boost the gate drive to fully turn on the internal high side NMOS.
Block Diagram
PWM
Control
Driver
Logic
BST
LX
R
OTP
OVP
UVLO
Current
Comp
S
Oscillator
High-Side
MOSFET
Low-Side
MOSFET
ISEN
FB
0.8V
UVLO
&
POR
VIN
VCC
GND
Current
Limit
OTP
Internal
Regulator
VCC
OVP
1M
SHDN
Figure 4. Block Diagram of FR9801



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com