Electronic Components Datasheet Search
  English  ▼

X  

PAM8403DR Datasheet(PDF) 3 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # PAM8403DR
Description  Filterless 3W Class-D Stereo Audio Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

PAM8403DR Datasheet(HTML) 3 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  PAM8403DR Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403DR Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403DR Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403DR Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403DR Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403DR Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403DR Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403DR Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403DR Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PAM8403
Filterless 3W Class-D Stereo Audio Amplifier
3
Pin Descriptions
Absolute Maximum Ratings
These are stress ratings only and functional operation is not implied
Exposure to absolute
maximum ratings for prolonged time periods may affect device reliability
All voltages are with
respect to ground
.
.
.
Supply Voltage ...........................................6.6V
Operation Temperature Range.........-40°C to 85
Operation Junction Temperature.....-40
to 125
Storage Temperature.....................-65
to 150
Soldering Temperature.......................
.
Input Voltage.............................-0.3V to V +0.3V
°C
Maximum Junction Temperature..................150°C
°C
°C
°C
°C
300°C, 5sec
DD
Recommended Operating Conditions
Supply voltage Range........................
Operation Temperature Range.........-40
to 85
Junction Temperature Range.........-40
to 125
2.5V to 5.5V
Max. Supply Voltage (for Max. duration of
30 minutes)................................................6.4V
°C
°C
°C
°C
Thermal Information
Parameter
Symbol
Package
Maximum
Unit
Thermal Resistance (Junction to Ambient)
θJA
SOP-16
110
°C/W
Thermal Resistance (Junction to Case)
θJC
SOP-16
23
°C/W
Pin Number
Pin Name
Description
1
+OUT_L
Left Channel Positive Output
2
PGND
Power GND
3
-OUT_L
Left Channel Negative Output
4
PVDD
Power VDD
5
MUTE
Mute Control Input
(active low)
6
VDD
Analog VDD
7
INL
Left Channel Input
8
VREF
Internal analog reference, connect a bypass capacitor from VREF to GND
9
NC
No connect
10
INR
Right Channel Input
11
GND
Analog GND
12
SHDN
Shutdown Control Input (active low)
13
PVDD
Power VDD
14
-OUT_R
Right Channel Negative Output
15
PGND
Power GND
16
+OUT_R
Right Channel Positive Output
www.chinaelite.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com