Electronic Components Datasheet Search
  English  ▼

X  

PAM8403DR Datasheet(PDF) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # PAM8403DR
Description  Filterless 3W Class-D Stereo Audio Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

PAM8403DR Datasheet(HTML) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  PAM8403DR Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403DR Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403DR Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403DR Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403DR Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403DR Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403DR Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403DR Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403DR Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Block Diagram
2
Pin Configuration & Marking Information
VDD/2
VDD/2
VDD
INR
MUTE
SHDN
INL
GND
PVDD
PGND
-OUT_L
+OUT_L
VREF
-OUT_R
+OUT_R
PGND
PVDD
MODULATOR
DRIVER
INTERNAL
OSCILLATOR
OSC
BIAS AND
REFERENCES
MODULATOR
DRIVER
THERMAL
PROTECTION
CURRENT
PROTECTION
+
-
+
-
X: Internal Code
A: Assembly Code
T: Testing Code
Y: Year
WW: Week
LL: Internal Code
PAM8403
Filterless 3W Class-D Stereo Audio Amplifier
Top View
SOP-16
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
www.chinaelite.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com