Electronic Components Datasheet Search
  English  ▼

X  

PAM8403DR Datasheet(PDF) 8 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # PAM8403DR
Description  Filterless 3W Class-D Stereo Audio Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

PAM8403DR Datasheet(HTML) 8 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Back Button PAM8403DR Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403DR Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403DR Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403DR Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403DR Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403DR Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403DR Datasheet HTML 10Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403DR Datasheet HTML 11Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403DR Datasheet HTML 12Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Notes
1. The AP AUX-0025 low pass filter is necessary for class-D amplifier measurement with AP analyzer.
2. Two 22µH inductors are used in series with load resistor to emulate the small speaker for efficiency
measurement.
8
Application Notes
1. When the PAM8403 works with LC filters, it
should be connected with the speaker before it's
powered on, otherwise it will be damaged easily.
2.
When the PAM8403 works without LC filters,
it's better to add a ferrite chip bead at the
outgoing line of speaker for suppressing the
possible electromagnetic interference.
3.
The recommended operating voltage is
5.5V. When the PAM8403 is powered with 4
battery cells, it should be noted that the voltage
of 4 new dry or alkaline batteries is over 6.0V,
higher than its operation voltage, which will
probably damage the device. Therefore, it's
recommended to use either 4 Ni-MH (Nickel
Metal Hydride) rechargeable batteries or 3 dry or
alkaline batteries.
4.
One should not make the input signal too
large. Large signal can cause the clipping of
output signal when increasing the volume. This
will damage the device b
.
5.
When testing the PAM8403 without LC filters
by using resistor instead of speaker as the output
load, the test results, e.g. THD or efficiency, will
be worse than those of using speaker as load.
ecause of big gain of the
PAM8403
Test Setup for Performance Testing
AP System One
Generator
PAM8403 Demo Board
+OUT
Input
Load
AP
Low Pass
Filter
AUX-0025
AP System One
Analyzer
GND
-OUT
VDD
Power Supply
PAM8403
Filterless 3W Class-D Stereo Audio Amplifier
www.chinaelite.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com