Electronic Components Datasheet Search
  English  ▼

X  

PAM8403DR Datasheet(PDF) 7 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # PAM8403DR
Description  Filterless 3W Class-D Stereo Audio Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

PAM8403DR Datasheet(HTML) 7 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Back Button PAM8403DR Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403DR Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403DR Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403DR Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403DR Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403DR Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403DR Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403DR Datasheet HTML 10Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403DR Datasheet HTML 11Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Typical Operating Characteristics (continued)
7. Noise Floor FFT
Inputs ac-ground, V =5V,
DD
R =8 ,Cin=1 F
L
Ωμ
5. Frequency response
PAM8403
Filterless 3W Class-D Stereo Audio Amplifier
V =5V, R =8 ,Gain = 24dB, Cin=1 F
DD
L
Ωμ
+22.6
+24.4
+22.8
+23
+23.2
+23.4
+23.6
+23.8
+24
+24.2
d
B
r
A
10
20k
20
50
100
200
500
1k
2k
5k
10k
Hz
L
R
6. Crosstalk VS Frequency
V=5V, R =4 ,
DD
L
Ω Gv=24dB, Po=0.5W
-110
+0
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
TTTT
TTTTTTTT
L
R
-120
+0
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
V
-120
+0
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
V
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
L
R
www.chinaelite.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com