Electronic Components Datasheet Search
  English  ▼

X  

PAM8403DR Datasheet(PDF) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # PAM8403DR
Description  Filterless 3W Class-D Stereo Audio Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

PAM8403DR Datasheet(HTML) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  PAM8403DR Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403DR Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403DR Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403DR Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403DR Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403DR Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403DR Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403DR Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403DR Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Key Features
Applications
3W Output at 10% THD with a 4
Load and
5V Power Supply
Filterless, Low Quiescent Current and Low
EMI
Low THD+N
Superior Low Noise
Efficiency up to 90%
Short Circuit Protection
Thermal Shutdown
Few External Components to Save the
Space and Cost
LCD Monitors / TV Projectors
Notebook Computers
Portable Speakers
Portable DVD Players, Game Machines
Cellular Phones/Speaker Phones
directly
system cost
It can extend the battery
life, ideal for portable applications.
Ω
n
n
n
n
n
General Description
The PAM8403 is a 3W, class-D audio amplifier. It
offers low THD+N, allowing it to achieve high-
quality sound reproduction. The new filterless
architecture allows the device to drive the speaker
, requiring no low-pass output filters,thus
to save the
and PCB area.
With the same numbers of external components,
the efficiency of the PAM8403 is much better than
that of class-AB cousins.
The PAM8403 is available in SOP-16 package.
n
n
n
n
n
n
n
n
n Pb-Free Package
Typical Application
PAM8403
Filterless 3W Class-D Stereo Audio Amplifier
1
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
Output Pow er(W)
RL=8
Ω
RL=4
Ω
Efficiency vs Output Power
FCC Class B Limit
Radiated Emissions
+OUT_L
PGNDPGND
-OUT_L
-OUT_R
+OUT_R
PVDD PVDD
SHDN
VDD
NC
INL
INR
VREF
1
3
14
16
1μF
1μF
1μF
470μF
VDD
PVDD
64
13
7
10
0.47μF
0.47μF
12
8
0.1μF
92
15
11
INL
INR
PAM8403
MUTE
GND
5
SHDN
MUTE
Ri
Ri
www.chinaelite.com


Similar Part No. - PAM8403DR

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8403DR PAM-PAM8403DR Datasheet
194Kb / 12P
Filterless 3W Class-D Stereo Audio Amplifier
logo
Diodes Incorporated
PAM8403DR-H DIODES-PAM8403DR-H Datasheet
269Kb / 11P
FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
Rev 1
More results

Similar Description - PAM8403DR

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8403 PAM-PAM8403 Datasheet
194Kb / 12P
Filterless 3W Class-D Stereo Audio Amplifier
PAM8004 PAM-PAM8004 Datasheet
195Kb / 11P
Filterless 3W Class-D Stereo Audio Amplifier
PAM8404 PAM-PAM8404 Datasheet
347Kb / 18P
3W/CH Filterless Stereo Class-D Audio Amplifier
logo
Diodes Incorporated
PAM8403H DIODES-PAM8403H Datasheet
269Kb / 11P
FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
Rev 1
PAM8004 DIODES-PAM8004 Datasheet
307Kb / 11P
FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
Rev 1
PAM8007 DIODES-PAM8007 Datasheet
565Kb / 17P
FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
Rev 1
PAM8404 DIODES-PAM8404 Datasheet
707Kb / 18P
3W/CH FILTERLESS STEREO CLASS-D AUDIO AMPLIFIER
Rev 1
PAM8603M DIODES-PAM8603M Datasheet
343Kb / 14P
3W FILTERLESS STEREO CLASS-D AUDIO AMPLIFIER
Rev 1
PAM8403 DIODES-PAM8403 Datasheet
380Kb / 11P
FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
Rev 1
logo
SHENZHEN FUMAN ELECTRON...
TC8403B FUMAN-TC8403B Datasheet
364Kb / 9P
3W Filterless Class D Stereo Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com