Electronic Components Datasheet Search
  English  ▼

X  

PAM8403DR Datasheet(PDF) 9 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # PAM8403DR
Description  Filterless 3W Class-D Stereo Audio Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

PAM8403DR Datasheet(HTML) 9 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Back Button PAM8403DR Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403DR Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403DR Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403DR Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403DR Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403DR Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403DR Datasheet HTML 10Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403DR Datasheet HTML 11Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403DR Datasheet HTML 12Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Maximum Gain
Mute Operation
As shown in block diagram (page 2), the
PAM8403 has two internal amplifier stages. The
first stage's gain is externally con figurable, while
the second stage's is internally fixed. The
closed-loop gain of the first stage is set by
selecting the ratio of R to R while the second
stage's gain is fixed at 2x.The output of amplifier
1 serves as the input to amplifier 2, thus the two
amplifiers
p roduce
s ignals
identical
in
magnitude, but different in phase by 180°.
Consequently, the differential gain for the IC is
A =20*log [2*(R /R )]
The PAM8403 sets maximum R =142k
,
minimum R =18k , so the maximum closed-gain
is 24dB.
The
pin is an input for controlling the
output state of the PAM8403. A logic low on this
pin disables the outputs, and a logic high on this
pin enables the outputs. This pin may be used as
a quick disable or enable of the outputs without a
volume fade. Quiescent current is listed in the
electrical characteristic table. The
pin can
be left floating due to the internal pull-up.
fi
VD
f
i
f
i
Ω
Ω
MUTE
MUTE
Shutdown operation
Power supply decoupling
Input Capacitor (C )
Analog Reference Bypass Capacitor (C
)
In order to reduce power consumption while not
in use, the PAM8403 contains shutdown circuitry
to turn off the amplifier's bias circuitry. This
shutdown feature turns the amplifier off when
logic low is applied to the
pin. By switching
the
pin connected to GND, the PAM8403
supply current draw will be minimized in idle
mode. The
pin can be left floating due to
the internal pull-up.
The PAM8403 is a high performance CMOS
audio amplifier that requires adequate power
supply decoupling to ensure the output THD and
PSRR a s l ow as possible. Power s upply
decoupling affects low frequency response.
Optimum decoupling is achieved by using two
capacitors of different types targeting to different
types of noise on the power supply leads. For
higher frequency transients, spikes, or digital
hash on the line, a good low equivalent-series-
resistance (ESR) ceramic capacitor, typically
1.0μF, works best, placing it as close as possible
to the device V
terminal. For filtering lower-
frequency noise signals, a large capacitor of
20μF (ceramic)
or greater is recommended,
placing it near the audio power amplifier.
Large input capacitors are both expensive and
space hungry for portable designs. Clearly, a
certain sized capacitor is needed to couple in low
frequencies without severe attenu ation. But in
many cases the speakers used in portable
systems, whether internal or external, have little
ability to reproduce signals below 100Hz to
150Hz. Thus, using a large input capacitor may
not increase actual system perfor mance. In this
case, input capacitor (C ) and input resistance
(R ) of the amplifier form a high-pass filter with
the corner frequency determined by equation
below,
In addition to system cost and size, click and pop
perfor mance is affected by the size of the input
coupling capacitor, C . A larger input coupling
capacitor requires more charge to reach its
quiescent DC voltage (nominally 1/2 V ). This
charge comes from the internal circuit via the
feedback and is apt to create pops upon device
enable. Thus, by minimizing the capacitor size
based on necessary low frequency response,
turn-on pops can be minimized.
The Analog Reference Bypass Capacitor (C
) is
the most critical capacitor and serves several
important functions. During start-up or recovery
from shutdown mode, C
determines the rate at
which the amplifier starts up. The second
function is to reduce noise caused by the power
supply coupling into the output drive signal. This
noise is from the internal analog reference to the
amplifier, which appears as degraded PSRR and
THD+N.
A ceramic bypass capacitor (C
) with values of
0.47μF to 1.0μF is recommended for the best
THD and noise performance. Increasing the
bypass capacitor reduces clicking and popping
noise from power on/off and entering and leaving
shutdown.
SHDN
SHDN
SHDN
DD
i
i
i
DD
BYP
BYP
BYP
i
BYP
9
Application Information
PAM8403
Filterless 3W Class-D Stereo Audio Amplifier
C
ii
1
f=
2πR C
www.chinaelite.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com