Electronic Components Datasheet Search
  English  ▼

X  

PAM8403DR Datasheet(PDF) 4 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # PAM8403DR
Description  Filterless 3W Class-D Stereo Audio Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

PAM8403DR Datasheet(HTML) 4 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  PAM8403DR Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403DR Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403DR Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403DR Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403DR Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403DR Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403DR Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403DR Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403DR Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Electrical Characteristic
V =5V, Gain=24dB, R =8 , T =25
, unless otherwise noted.
DD
L
A
Ω°C
PAM8403
Filterless 3W Class-D Stereo Audio Amplifier
Symbol
Parameter
Test Conditions
MIN
TYP
MAX UNIT
VIN
Supply Power
2.5
5.5
V
VDD=5.0V
3.2
VDD=3.6V
1.6
THD+N=10%,f=1kHz, RL=4 Ω
VDD=3.0V
1.3
W
VDD=5.0V
2.5
VDD=3.6V
1.3
THD+N=1%,f=1kHz, RL=4 Ω
VDD=3.0V
0.85
W
VDD=5.0V
1.8
VDD=3.6V
0.9
THD+N=10%,f=1kHz, RL=8 Ω
VDD=3.0V
0.6
W
VDD=5.0V
1.4
VDD=3.6V
0.72
Po
Output Power
THD+N=1%,f=1kHz, RL=8 Ω
VDD=3.0V
0.45
W
VDD=5.0V,Po=0.5W,RL=8 Ω
0.15
VDD=3.6V,Po=0.5W,RL=8 Ω
f=1kHz
0.11
%
VDD=5.0V,Po=1W,RL=4 Ω
0.15
THD+N
Total Harmonic Distortion Plus
Noise
VDD=3.6V,Po=1W,RL=4 Ω
f=1kHz
0.11
%
Gv
Gain
24
dB
f=100Hz
-59
PSRR
Power Supply Ripple Rejection
VDD=5.0V, Inputs ac-grounded with
CIN=0.47μF
f=1kHz
-58
dB
Cs
Crosstalk
VDD=5V,Po=0.5W,RL=8Ω,Gv=20dB
F=1kHz
-95
dB
SNR
Signal-to-noise ratio
VDD=5V, Vorms=1V,Gv=20dB
f=1kHz
80
dB
A-weighting
100
Vn
Output noise
VDD=5V, Inputs ac-grounded with
CIN=0.47μF
No A-weighting
150
μV
Dyn
Dynamic range
VDD=5.0V, THD=1%
f=1kHz
90
dB
RL=8Ω, THD=10%
87
η
Efficiency
RL=4Ω, THD=10%
f=1kHz
83
%
VDD=5.0V
16
VDD=3.6V
10
IQ
Quiescent Current
VDD=3.0V
No load
8
mA
www.chinaelite.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com