Electronic Components Datasheet Search
  English  ▼

X  

ACS772 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # ACS772
Description  High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth, Galvanically Isolated Current Sensor IC with 100 關廓 Current Conductor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS772 Datasheet(HTML) 3 Page - Allegro MicroSystems

  ACS772 Datasheet HTML 1Page - Allegro MicroSystems ACS772 Datasheet HTML 2Page - Allegro MicroSystems ACS772 Datasheet HTML 3Page - Allegro MicroSystems ACS772 Datasheet HTML 4Page - Allegro MicroSystems ACS772 Datasheet HTML 5Page - Allegro MicroSystems ACS772 Datasheet HTML 6Page - Allegro MicroSystems ACS772 Datasheet HTML 7Page - Allegro MicroSystems ACS772 Datasheet HTML 8Page - Allegro MicroSystems ACS772 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth,
Galvanically Isolated Current Sensor IC with 100 µΩ Current Conductor
ACS772
3
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
ISOLATION CHARACTERISTICS
Characteristic
Symbol
Notes
Rating
Unit
Dielectric Surge Strength Test Voltage
VSURGE
Tested ±5 pulses at 2/minute in compliance to IEC 61000-4-5
1.2 µs (rise) / 50 µs (width)
8000
V
Dielectric Strength Test Voltage [2]
VISO
Agency type-tested for 60 seconds per UL standard
60950-1, 2nd Edition. Tested at 3000 VRMS for 1 second
in production.
4800
VRMS
Working Voltage for Basic Isolation
VWVBI
For basic (single) isolation per UL standard 60950-1, 2nd
Edition
990
VPK or VDC
700
VRMS
Working Voltage for Reinforced Isolation
VWFRI
For reinforced (double) isolation per UL standard 60950-1,
2nd Edition
636
VPK or VDC
450
VRMS
[2]
Allegro does not conduct 60-second testing. It is done only during the UL certification process.
ABSOLUTE MAXIMUM RATINGS
Characteristic
Symbol
Notes
Rating
Unit
Supply Voltage
VCC
6.5
V
Reverse Supply Voltage
VRCC
–0.5
V
Output Voltage
VIOUT
6.5
V
Reverse Output Voltage
VRIOUT
–0.5
V
Output Source Current
IOUT(Source)
VIOUT to GND
3
mA
Output Sink Current
IOUT(Sink)
Minimum pull-up resistor of 500 Ω from VCC to VIOUT
10
mA
Operating Ambient Temperature [1]
TA
Range E, K, and L
–40 to 150
°C
Maximum Junction Temperature
TJ(max)
165
°C
Storage Temperature
Tstg
–65 to 165
°C
[1]
All ACS772 devices are production tested and guaranteed to TA = 150°C, provided the Maximum Junction Temperature, TJ(MAX), is not exceeded. See Thermal
Application section of this datasheet for more information.
THERMAL CHARACTERISTICS: May require derating at maximum conditions
Characteristic
Symbol
Test Conditions [3]
Value
Unit
Package Thermal Resistance
RθJA
Mounted on the Allegro evaluation board with 2800 mm2
(1400 mm2 on component side and 1400 mm2 on opposite
side) of 4 oz. copper connected to the primary leadframe
and with thermal vias connecting the copper layers.
Performance is based on current flowing through the
primary leadframe and includes the power consumed by
the PCB.
7
°C/W
[3]
Additional thermal information available on the Allegro website.
TYPICAL OVERCURRENT CAPABILITIES [4][5]
Characteristic
Symbol
Notes
Rating
Unit
Overcurrent
IPOC
TA = 25°C; current is on for 1 second and off for
99 seconds, 100 pulses applied
1200
A
TA = 85°C; current is on for 1 second and off for
99 seconds, 100 pulses applied
900
A
TA = 150°C; current is on for 1 second and off for
99 seconds, 100 pulses applied
600
A
[4]
Test was done with Allegro evaluation board. The maximum allowed current is limited by TJ(max) only.
[5]
For more overcurrent profiles, please see FAQ on the Allegro website, www.allegromicro.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com