Electronic Components Datasheet Search
  English  ▼

X  

ACS772 Datasheet(PDF) 41 Page - Allegro MicroSystems

Part # ACS772
Description  High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth, Galvanically Isolated Current Sensor IC with 100 關廓 Current Conductor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS772 Datasheet(HTML) 41 Page - Allegro MicroSystems

Back Button ACS772 Datasheet HTML 33Page - Allegro MicroSystems ACS772 Datasheet HTML 34Page - Allegro MicroSystems ACS772 Datasheet HTML 35Page - Allegro MicroSystems ACS772 Datasheet HTML 36Page - Allegro MicroSystems ACS772 Datasheet HTML 37Page - Allegro MicroSystems ACS772 Datasheet HTML 38Page - Allegro MicroSystems ACS772 Datasheet HTML 39Page - Allegro MicroSystems ACS772 Datasheet HTML 40Page - Allegro MicroSystems ACS772 Datasheet HTML 41Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 41 / 41 page
background image
High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth,
Galvanically Isolated Current Sensor IC with 100 µΩ Current Conductor
ACS772
41
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
For the latest version of this document, visit our website:
www.allegromicro.com
Copyright 2019, Allegro MicroSystems, LLC
Allegro MicroSystems, LLC reserves the right to make, from time to time, such departures from the detail specifications as may be required to
permit improvements in the performance, reliability, or manufacturability of its products. Before placing an order, the user is cautioned to verify that
the information being relied upon is current.
Allegro’s products are not to be used in any devices or systems, including but not limited to life support devices or systems, in which a failure of
Allegro’s product can reasonably be expected to cause bodily harm.
The information included herein is believed to be accurate and reliable. However, Allegro MicroSystems, LLC assumes no responsibility for its
use; nor for any infringement of patents or other rights of third parties which may result from its use.
Copies of this document are considered uncontrolled documents.
Revision History
Number
Date
Description
–
December 12, 2017
Initial release
1
January 30, 2018
Added Dielectric Surge Strength Test Voltage characteristic (page 3) and EEPROM Error Checking
and Correction section (page 16)
2
May 14, 2018
Added -050U, -100B, -150U, -200U, -250U, and -250B part options
3
September 24, 2018
Added -PSF leadform option; updated Magnetic Offset Error value (page 13) and Characteristic
Performance Data charts (pages 26 to 28)
4
November 12, 2018
Added -300B part option (page 2 and 16); added -PSS leadform option (pages 1, 2, and 39) and
Applications Information section (page 36); updated Typical Application (page 1), pinout diagram
(page 4), and TOP to TA (pages 2 and 5-15).
5
December 13, 2018
Added UL certificate; updated package outline drawing PCB layouts and branding (pages 37-39)
6
January 7, 2019
Corrected Sensitivity Error values for -200U part option (page 12)
7
January 24, 2019
Added -400B part option (page 2 and 17)
8
March 14, 2019
Updated package branding (pages 38-40) and Temperature ratings (pages 2-3, 6-17)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com