Electronic Components Datasheet Search
  English  ▼

X  

ACS772 Datasheet(PDF) 28 Page - Allegro MicroSystems

Part # ACS772
Description  High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth, Galvanically Isolated Current Sensor IC with 100 關廓 Current Conductor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS772 Datasheet(HTML) 28 Page - Allegro MicroSystems

Back Button ACS772 Datasheet HTML 24Page - Allegro MicroSystems ACS772 Datasheet HTML 25Page - Allegro MicroSystems ACS772 Datasheet HTML 26Page - Allegro MicroSystems ACS772 Datasheet HTML 27Page - Allegro MicroSystems ACS772 Datasheet HTML 28Page - Allegro MicroSystems ACS772 Datasheet HTML 29Page - Allegro MicroSystems ACS772 Datasheet HTML 30Page - Allegro MicroSystems ACS772 Datasheet HTML 31Page - Allegro MicroSystems ACS772 Datasheet HTML 32Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth,
Galvanically Isolated Current Sensor IC with 100 µΩ Current Conductor
ACS772
28
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
CHARACTERISTIC PERFORMANCE DATA
Response Time (tRESPONSE)
70 A excitation signal with 10%-90% rise time = 1 µs
Sensitivity = 13.33 mV/A, TA = 25°C, CBYPASS = 0.1 µF, CLOAD = 1 nF
Propagation Delay (tPROP)
70 A excitation signal with 10%-90% rise time = 1 µs
Sensitivity = 13.33 mV/A, TA = 25°C, CBYPASS = 0.1 µF, CLOAD = 1 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com