Electronic Components Datasheet Search
  English  ▼

X  

ACS772 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # ACS772
Description  High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth, Galvanically Isolated Current Sensor IC with 100 關廓 Current Conductor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS772 Datasheet(HTML) 1 Page - Allegro MicroSystems

  ACS772 Datasheet HTML 1Page - Allegro MicroSystems ACS772 Datasheet HTML 2Page - Allegro MicroSystems ACS772 Datasheet HTML 3Page - Allegro MicroSystems ACS772 Datasheet HTML 4Page - Allegro MicroSystems ACS772 Datasheet HTML 5Page - Allegro MicroSystems ACS772 Datasheet HTML 6Page - Allegro MicroSystems ACS772 Datasheet HTML 7Page - Allegro MicroSystems ACS772 Datasheet HTML 8Page - Allegro MicroSystems ACS772 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
Application 1: the ACS772 outputs an analog
signal, VOUT, that varies linearly with the
bidirectional AC or DC primary sensed cur-
rent, IP, within the range specified. RF and
CF are for optimal noise management, with
values that depend on the application.
ACS772
The Allegro™ ACS772 family of current sensor ICs provide
economicalandprecisesolutionsforACorDCcurrentsensing,
idealformotorcontrol,loaddetectionandmanagement,power
supply and DC-to-DC converter control, and inverter control.
The 2.5 µs response time enables overcurrent fault detection
in safety-critical applications.
The device consists of a precision, low-offset linear Hall
circuit with a copper conduction path located near the die.
Applied current flowing through this copper conduction path
generates a magnetic field which the Hall IC converts into a
proportionalvoltage.Deviceaccuracyisoptimizedthroughthe
close proximity of the magnetic signal to the Hall transducer.
A precise, proportional output voltage is provided by the
low-offset, chopper-stabilized BiCMOS Hall IC, which is
programmed for accuracy at the factory. Proprietary digital
temperature compensation technology greatly improves the
IC accuracy and temperature stability.
High-level immunity to current conductor dV/dt and stray
electricfieldsisofferedbyAllegroproprietaryintegratedshield
technology for low output voltage ripple and low offset drift
in high-side, high-voltage applications.
The output of the device increases when an increasing current
flows through the primary copper conduction path (from
terminal 4 to terminal 5), which is the path used for current
sampling. The internal resistance of this conductive path is
100 μΩ typical, providing low power loss.
The thickness of the copper conductor allows survival of the
device at high overcurrent conditions. The terminals of the
conductive path are electrically isolated from the signal leads
(pins1through3).ThisallowstheACS772familyofsensorICs
to be used in applications requiring electrical isolation without
the use of opto-isolators or other costly isolation techniques.
ACS772-DS, Rev. 8
MCO-0000363
High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth,
Galvanically Isolated Current Sensor IC with 100 µΩ Current Conductor
Continued on the next page…
Typical Application
5 V
VOUT
RF
CF
CBYP
0.1 µF
IP–
IP+
2 GND
5
4
ACS772
3
1
VIOUT
VCC
IP
• AEC-Q100 Grade 1 qualified
• Typical of 2.5 μs output response time
• 5 V supply operation
• Ultra-low power loss: 100 μΩ internal conductor resistance
• Reinforced galvanic isolation allows use in economical,
high-side current sensing in high-voltage systems
• 4800 Vrms dielectric strength certified under UL60950-1
• Industry-leading noise performance with greatly
improved bandwidth through proprietary amplifier and
filter design techniques
• Integrated shield greatly reduces capacitive coupling
from current conductor to die due to high dV/dt signals,
and prevents offset drift in high-side, high-voltage
applications
• Greatly improved total output error through digitally
programmed and compensated gain and offset over the
full operating temperature range
• Small package size, with easy mounting capability
• Monolithic Hall IC for high reliability
• Output voltage proportional to AC or DC currents
• Factory-trimmed for accuracy
• Extremely stable output offset voltage
Not to scale
DESCRIPTION
FEATURES AND BENEFITS
March 14, 2019
PFF
Leadform
PSF
Leadform
PACKAGE: 5-pin package (suffix CB)
PSS
Leadform
CB Certificate Number:
US-29755-UL


Similar Part No. - ACS772

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS770 ALLEGRO-ACS770 Datasheet
1Mb / 29P
Thermally Enhanced, Fully Integrated, Hall Effect-Based High Precision Linear Current Sensor IC with 100 關廓 Current Conductor
ACS770ECB-200B-PFF-T ALLEGRO-ACS770ECB-200B-PFF-T Datasheet
1Mb / 29P
4.1 關s output rise time in response to step input current
ACS770ECB-200B-PSF-T ALLEGRO-ACS770ECB-200B-PSF-T Datasheet
1Mb / 29P
4.1 關s output rise time in response to step input current
ACS770ECB-200U-PFF-T ALLEGRO-ACS770ECB-200U-PFF-T Datasheet
1Mb / 29P
4.1 關s output rise time in response to step input current
ACS770ECB-200U-PSF-T ALLEGRO-ACS770ECB-200U-PSF-T Datasheet
1Mb / 29P
4.1 關s output rise time in response to step input current
More results

Similar Description - ACS772

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS758XCB ALLEGRO-ACS758XCB Datasheet
594Kb / 16P
Thermally Enhanced, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 100 關廓 Current Conductor
ACS723 ALLEGRO-ACS723 Datasheet
686Kb / 22P
High Accuracy, Galvanically Isolated Current Sensor IC
ACS724KMA ALLEGRO-ACS724KMA Datasheet
792Kb / 18P
High-Accuracy, Hall-Effect-Based Current Sensor IC
ACS725KMA ALLEGRO-ACS725KMA Datasheet
787Kb / 17P
High-Accuracy, Hall-Effect-Based Current Sensor IC with
ACS758 ALLEGRO-ACS758_16 Datasheet
1Mb / 22P
Thermally Enhanced, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 100 關廓 Current Conductor
ACS780 ALLEGRO-ACS780 Datasheet
1Mb / 24P
High-Precision Linear Hall-Effect-Based Current Sensor IC With 200 關廓 Current Conductor
ACS781 ALLEGRO-ACS781 Datasheet
1Mb / 22P
High-Precision Linear Hall-Effect-Based Current Sensor IC With 200 關廓 Current Conductor
ACS773 ALLEGRO-ACS773 Datasheet
1Mb / 26P
High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth, Galvanically Isolated Current Sensor IC with 100 關廓 Current Conductor
ACS72981XLR ALLEGRO-ACS72981XLR Datasheet
3Mb / 45P
High-Precision Linear Hall-Effect-Based Current Sensor IC with 200 關廓 Current Conductor
ACS773 ALLEGRO-ACS773_V01 Datasheet
2Mb / 32P
High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth, Galvanically Isolated Current Sensor IC with 100 μΩ Current Conductor
August 12, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com