Electronic Components Datasheet Search
  English  ▼

X  

ACS772 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # ACS772
Description  High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth, Galvanically Isolated Current Sensor IC with 100 關廓 Current Conductor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS772 Datasheet(HTML) 2 Page - Allegro MicroSystems

  ACS772 Datasheet HTML 1Page - Allegro MicroSystems ACS772 Datasheet HTML 2Page - Allegro MicroSystems ACS772 Datasheet HTML 3Page - Allegro MicroSystems ACS772 Datasheet HTML 4Page - Allegro MicroSystems ACS772 Datasheet HTML 5Page - Allegro MicroSystems ACS772 Datasheet HTML 6Page - Allegro MicroSystems ACS772 Datasheet HTML 7Page - Allegro MicroSystems ACS772 Datasheet HTML 8Page - Allegro MicroSystems ACS772 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth,
Galvanically Isolated Current Sensor IC with 100 µΩ Current Conductor
ACS772
2
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
The device is fully calibrated prior to shipment from the factory.
TheACS772 family is lead (Pb) free.All leads are plated with 100%
DESCRIPTION (continued)
SELECTION GUIDE
Part Number [1]
Package
Primary Sampled
Current , IP
(A)
Sensitivity
Sens (Typ.)
(mV/A) [2]
Nominal TA [3]
(°C)
Packing [4]
Terminals Signal Pins
ACS772LCB-050U-PFF-T
Formed
Formed
50
80
–40 to 150
34 pieces
per tube
ACS772LCB-050B-PFF-T
Formed
Formed
±50
40
ACS772LCB-050B-PSS-T
Straight
Straight
ACS772LCB-100U-PFF-T
Formed
Formed
100
40
ACS772LCB-100B-PFF-T
Formed
Formed
±100
20
ACS772KCB-150U-PFF-T
Formed
Formed
150
26.66
–40 to 125
ACS772KCB-150B-PFF-T
Formed
Formed
±150
13.33
ACS772ECB-200U-PFF-T
Formed
Formed
200
20
–40 to 85
ACS772ECB-200B-PFF-T
Formed
Formed
±200
10
ACS772ECB-250U-PFF-T
Formed
Formed
250
16
ACS772ECB-250U-PSF-T
Straight
Formed
ACS772ECB-250B-PFF-T
Formed
Formed
±250
8
ACS772ECB-250B-PSF-T
Straight
Formed
ACS772ECB-300B-PFF-T
Formed
Formed
±300
6.66
ACS772ECB-400B-PFF-T
Formed
Formed
±400
5
[1]
Additional leadform and Sensitivity options available for qualified volumes.
[2]
Measured at VCC = 5 V.
[3]
All ACS772 devices are production tested and guaranteed to TA = 150°C, provided the Maximum Junction Temperature, TJ(MAX), is not exceeded.
See Absolute Maximum Ratings and Thermal Application section of this datasheet for more information.
[4]
Contact Allegro for additional packing options.
ACS
772
L CB - 050 B
T
Lead (Pb) Free
Output Directionality:
B – Bidirectional (positive and negative current)
U – Unidirectional (only positive current)
Current Sensing Range (A)
Package Designator
Operating Temperature Range
3 Digit Part Number
Allegro Current Sensor
-
-
Lead Form
PFF
matte tin, and there is no Pb inside the package. The heavy gauge
leadframe is made of oxygen-free copper.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com