Electronic Components Datasheet Search
  English  ▼

X  

ACS772 Datasheet(PDF) 32 Page - Allegro MicroSystems

Part # ACS772
Description  High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth, Galvanically Isolated Current Sensor IC with 100 關廓 Current Conductor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS772 Datasheet(HTML) 32 Page - Allegro MicroSystems

Back Button ACS772 Datasheet HTML 28Page - Allegro MicroSystems ACS772 Datasheet HTML 29Page - Allegro MicroSystems ACS772 Datasheet HTML 30Page - Allegro MicroSystems ACS772 Datasheet HTML 31Page - Allegro MicroSystems ACS772 Datasheet HTML 32Page - Allegro MicroSystems ACS772 Datasheet HTML 33Page - Allegro MicroSystems ACS772 Datasheet HTML 34Page - Allegro MicroSystems ACS772 Datasheet HTML 35Page - Allegro MicroSystems ACS772 Datasheet HTML 36Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth,
Galvanically Isolated Current Sensor IC with 100 µΩ Current Conductor
ACS772
32
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
TOTAL OUTPUT ERROR (ETOT)
The difference between the current measurement from the sensor
IC and the actual current (IP), relative to the actual current. This
is equivalent to the difference between the ideal output voltage
and the actual output voltage, divided by the ideal sensitivity,
relative to the current flowing through the primary conduction
path:
ETOT(IP) =
VIOUT(IP) – VIOUT(ideal)(IP)
Sensideal × IP
× 100(%)
where
VIOUT(ideal)(IP) = VIOUT(Q) + (SensIDEAL × IP )
The Total Output Error incorporates all sources of error and is a
function of IP.
At relatively high currents, ETOT will be mostly due to sensitiv-
ity error, and at relatively low currents, ETOT will be mostly due
to Offset Voltage (VOE). In fact, as IP approaches zero, ETOT
approaches infinity due to the offset voltage. This is illustrated
in Figure 1 and Figure 2. Figure 1 shows a distribution of output
voltages versus IP at 25°C and across temperature. Figure 2
shows the corresponding ETOT versus IP.
0 A
Decreasing
VIOUT (V)
Accuracy Across
Temperature
Accuracy Across
Temperature
Accuracy Across
Temperature
Accuracy at
25°C Only
Accuracy at
25°C Only
Accuracy at
25°C Only
Increasing
VIOUT (V)
Ideal VIOUT
IPR(min)
IPR(max)
+IP (A)
–IP (A)
VIOUT(Q)
Full Scale IP
Figure 1: Output Voltage versus Sensed Current
Figure 2: Total Output Error versus Sensed Current
+IP
–IP
+ETOT
–ETOT
Across Temperature
25°C Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com