Electronic Components Datasheet Search
  English  ▼

X  

ALS31313 Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # ALS31313
Description  Automotive Grade, 3-D Linear Hall-Effect Sensor with I2C Output and Advanced Low Power Management
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ALS31313 Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button ALS31313 Datasheet HTML 6Page - Allegro MicroSystems ALS31313 Datasheet HTML 7Page - Allegro MicroSystems ALS31313 Datasheet HTML 8Page - Allegro MicroSystems ALS31313 Datasheet HTML 9Page - Allegro MicroSystems ALS31313 Datasheet HTML 10Page - Allegro MicroSystems ALS31313 Datasheet HTML 11Page - Allegro MicroSystems ALS31313 Datasheet HTML 12Page - Allegro MicroSystems ALS31313 Datasheet HTML 13Page - Allegro MicroSystems ALS31313 Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Automotive Grade, 3-D Linear Hall-Effect Sensor
with I2C Output and Advanced Low Power Management
ALS31313
10
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
ALS31313KLEATR-JOY PERFORMANCE CHARACTERISTICS: Valid through full range of TA, VCC = 3.0 V, and
CBYPASS = 0.1 µF, unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ. [1]
Max.
Unit
NOMINAL PERFORMANCE
Optimized Sensing Range
BIN
X and Y axes
–2000
–
2000
G
Z axis
–8000
–
8000
G
Sensitivity
SENS
–
1
–
LSB/G
Zero-Field Offset Code
QVO
–
0
–
LSB
ACCURACY PERFORMANCE
Offset Error X/Y Axes
EOFF(XY)
BIN = 0 G, TA = 25°C
–10
–
10
LSB
BIN = 0 G, TA = 125°C
–20
–
20
LSB
BIN = 0 G, TA = –40°C
–32
–
32
LSB
Offset Error Z Axis
EOFF(Z)
BIN = 0 G, TA = 25°C
–10
–
10
LSB
BIN = 0 G, TA = 125°C
–20
–
20
LSB
BIN = 0 G, TA = –40°C
–32
–
32
LSB
Sensitivity Error X/Y Axes
ESENS(XY)
TA = 25°C
–4
–
4
%
Sensitivity Error Z Axis
ESENS(Z)
TA = 25°C
–7.5
–
7.5
%
Sensitivity Temperature Coefficient
TCSENS
NdFeB Magnet, TA = 25°C to 125°C
0.08
0.12
0.2
%/°C
NdFeB Magnet, TA = 25°C to –40°C
0.04
0.12
0.2
%/°C
Sensitivity Mismatch Error
X Axis to Y Axis
EMATCH(XY)
–5
–
5
%
RMS Noise X/Y Channels [2]
NRMS(XY)
BW Select = 0
–
3
–
LSB
RMS Noise Z Channel [2]
NRMS(Z)
BW Select = 0
–
1
–
LSB
LIFETIME DRIFT CHARACTERISTICS
Offset Error Lifetime Drift
EOFF_DRIFT
–10
–
10
LSB
Sensitivity Error Lifetime Drift
ESENS_DRIFT
–2.6
–
2.6
%
[1]
Typical values with ± are 3 sigma values.
[2]
RMS noise equivalent to 1 sigma distribution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com