Electronic Components Datasheet Search
  English  ▼

X  

ALS31313 Datasheet(PDF) 17 Page - Allegro MicroSystems

Part # ALS31313
Description  Automotive Grade, 3-D Linear Hall-Effect Sensor with I2C Output and Advanced Low Power Management
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ALS31313 Datasheet(HTML) 17 Page - Allegro MicroSystems

Back Button ALS31313 Datasheet HTML 13Page - Allegro MicroSystems ALS31313 Datasheet HTML 14Page - Allegro MicroSystems ALS31313 Datasheet HTML 15Page - Allegro MicroSystems ALS31313 Datasheet HTML 16Page - Allegro MicroSystems ALS31313 Datasheet HTML 17Page - Allegro MicroSystems ALS31313 Datasheet HTML 18Page - Allegro MicroSystems ALS31313 Datasheet HTML 19Page - Allegro MicroSystems ALS31313 Datasheet HTML 20Page - Allegro MicroSystems ALS31313 Datasheet HTML 21Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
Automotive Grade, 3-D Linear Hall-Effect Sensor
with I2C Output and Advanced Low Power Management
ALS31313
17
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
It is not advised to switch a factory-trimmed, single-ended device
(0) into other modes (1, 2, or 3). Doing so may result in sen-
sor performance that is outside of the datasheet specifications.
Conversely, a device that is configured for mode 1 or 2 may be
switched into modes 1, 2, or 3 without issue. Switching a factory-
programmed device from mode 1 or 2 into mode 0 may result in
sensor performance that is outside of the datasheet specifications.
SINGLE-ENDED HALL MODE
Magnetic data in registers 0x28 and 0x29 will be proportional to the
magnetic field seen by the inner sensing elements Xi, Yi, and Zi.
DIFFERENTIAL HALL MODE
Magnetic data in registers 0x28 and 0x29 will be proportional to
the difference in field as seen by the outer sensing elements of the
X and Y axes.
Concatenated X axis data {x_axis_MSB:x_axis_LSB} will be the
result of XO(EAST) – XO(WEST) sensing elements, while concat-
enated Y axis data {y_axis_MSB:y_axis_LSB} will be the result
of YO(NORTH) – YO(SOUTH) sensing elements.
Z axis data will be the same as in single-ended mode.
COMMON HALL MODE
Magnetic data in registers 0x28 and 0x29 will be proportional to
the sum of the fields as seen by the outer sensing elements of the
X and Y axes.
Concatenated X axis data {x_axis_MSB:x_axis_LSB} will be the
result of XO(EAST) + XO(WEST) sensing elements, while concat-
enated Y axis data {y_axis_MSB:y_axis_LSB} will be the result
of YO(NORTH) + YO(SOUTH) sensing elements.
Z axis data will be the same as in single-ended mode.
ALTERNATING HALL MODE
The magnetic data in registers 0x28 and 0x29 will toggle between
Differential Mode data and Common Mode data. The value of Hall
status indicates from which mode the sampled data originated.
Interrupt
The Interrupt feature on the ALS31313 integrates detection and
reporting of large changes in applied magnetic field. An interrupt
event is initiated when the applied magnetic field forces the ADC
output to a value greater than or equal to the user-programmed
threshold. Interrupt detection may be independently enabled or
disabled for each of the three axes.
Interrupt Reporting
The ALS31313 will report the presence of an interrupt event by
asserting the INT pin and the INT bit in register 0x28 will be set.
Interrupt reporting may be latched or unlatched depending on the
value of INT Latch Enable, address 0x02, bit 5.
In a latched state, the INT pin will assert when an event is
detected, and the INT bit will be set. Should the event subside,
the INT pin and INT bit will remain set.
In an unlatched state, the INT pin will assert when an event is
detected, and the INT bit will be set. Should the event subside,
the ALS31313 will reset the INT pin and the INT bit will be
cleared.
The ALS31313 may also report an interrupt event in EEPROM.
This is feature enabled by setting INT EEPROM Enable, address
0x03, bit 21. If an interrupt event is detected, the device will
write to INT EEPROM Status, address 0x03, bit 22.
Interrupt Modes
The ALS31313 includes two different interrupt modes, where
the user may select a threshold value or a maximum change in
field to compare. This setting is controlled via INT Mode, address
0x03, bit 23, explained in Table 15.
Table 15: INT Modes
INT Mode
Value
Mode
Description
0
Threshold
Mode
An interrupt event occurs when the magnetic
ADC Output data ≥ threshold.
1
Delta
Mode
Recent magnetic data is compared to stored
value when entering LPDCM. An interrupt event
occurs when the change in magnetic ADC
Output data ≥ user-programmed delta value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com