Electronic Components Datasheet Search
  English  ▼

X  

ALS31313 Datasheet(PDF) 12 Page - Allegro MicroSystems

Part # ALS31313
Description  Automotive Grade, 3-D Linear Hall-Effect Sensor with I2C Output and Advanced Low Power Management
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ALS31313 Datasheet(HTML) 12 Page - Allegro MicroSystems

Back Button ALS31313 Datasheet HTML 8Page - Allegro MicroSystems ALS31313 Datasheet HTML 9Page - Allegro MicroSystems ALS31313 Datasheet HTML 10Page - Allegro MicroSystems ALS31313 Datasheet HTML 11Page - Allegro MicroSystems ALS31313 Datasheet HTML 12Page - Allegro MicroSystems ALS31313 Datasheet HTML 13Page - Allegro MicroSystems ALS31313 Datasheet HTML 14Page - Allegro MicroSystems ALS31313 Datasheet HTML 15Page - Allegro MicroSystems ALS31313 Datasheet HTML 16Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Automotive Grade, 3-D Linear Hall-Effect Sensor
with I2C Output and Advanced Low Power Management
ALS31313
12
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
EEPROM
The following EEPROM addresses are customer accessible and may be read at any time, with or without entering the customer access
code. Customer Access mode must be enabled to write to any of these registers.
Reserved
Read Only
Read/Write Volatile
Read/Write EEPROM
Write 1 to Clear
Clear on Read
Table 2: EEPROM 0x02
Address
Bits
Default
Name
Description
0x02
31:24
0
Reserved
Reserved
23:21
0
BW Select
Used to control the sample rate of the device. Resolution can be traded for
faster samples.
0 = Slowest sample rate, highest resolution
7 = Fastest sample rate, lowest resolution
See Bandwidth Selection section.
20:19
See
Selection
Guide
Hall Mode
Controls the operation mode of the Hall plates.
0 = Single-Ended Hall Mode
1 = Differential Hall Mode
2 = Common Hall Mode
3 = Alternating Hall mode (switches between Differential and Common Hall
Modes for each conversion per enabled axis.
See Hall Modes section.
18
0
I2C CRC Enable
I2C Cyclic Redundancy Check (CRC) output byte enabled. Enable CRC for
applications that require high data integrity.
0 = Disabled
1 = Enabled
See CRC section
17
0
Disable Slave ADC
Disable the external slave address pins. When set, the EEPROM setting in
Slave Address is used to determine the slave address. See I2C Addressing
section.
16:10
111
Slave Address
Used to set the slave address for the device when either Disable Slave ADC is
set, or the voltages on the slave address pins are set to VCC.
See I2C Addressing section.
9
1
I2C Threshold
Enables 1.8 V or 3 V compatible I2C.
0 = 3 V compatible mode (Increases threshold for logic input high level)
1 = 1.8 V compatible mode
8
1
Channel Z Enable
Enables the Z channel. Disable for faster update rate if this axis is not needed.
7
1
Channel Y Enable
Enables the Y channel. Disable for faster update rate if this axis is not needed.
6
1
Channel X Enable
Enables the X channel. Disable for faster update rate if this axis is not needed.
5
0
INT Latch Enable
Enables volatile latching of the INT signal. When set, if an interrupt event
occurs, the INT status bit and INT output will both remain latched even after the
event goes away.
See Interrupt section.
4:0
0
Customer EEPROM
Customer non-volatile EEPROM. Can be used to store any customer
information. Does not affect device operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com