Electronic Components Datasheet Search
  English  ▼

X  

ALS31313 Datasheet(PDF) 14 Page - Allegro MicroSystems

Part # ALS31313
Description  Automotive Grade, 3-D Linear Hall-Effect Sensor with I2C Output and Advanced Low Power Management
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ALS31313 Datasheet(HTML) 14 Page - Allegro MicroSystems

Back Button ALS31313 Datasheet HTML 10Page - Allegro MicroSystems ALS31313 Datasheet HTML 11Page - Allegro MicroSystems ALS31313 Datasheet HTML 12Page - Allegro MicroSystems ALS31313 Datasheet HTML 13Page - Allegro MicroSystems ALS31313 Datasheet HTML 14Page - Allegro MicroSystems ALS31313 Datasheet HTML 15Page - Allegro MicroSystems ALS31313 Datasheet HTML 16Page - Allegro MicroSystems ALS31313 Datasheet HTML 17Page - Allegro MicroSystems ALS31313 Datasheet HTML 18Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Automotive Grade, 3-D Linear Hall-Effect Sensor
with I2C Output and Advanced Low Power Management
ALS31313
14
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
PRIMARY REGISTERS
The following registers are customer accessible and may be read at any time, with or without entering the customer access code. Customer
Access mode must be enabled to write to any of these registers, with the exception of sleep, which can be written to regardless of access
mode.
Reserved
Read Only
Read/Write Volatile
Read/Write EEPROM
Write 1 to Clear
Clear on Read
Table 5: Volatile 0x27
Address
Bits
Name
Description
0x27
31:7
Reserved
Reserved
6:4
Low-Power Mode
Count Max
Sets max counter for inactive time during low-power duty cycle mode. ALS31313 offers 8 discrete
time frames for inactive time. See Application Information section on low-power modes.
3:2
I2C Loop-Mode
Sets I2C readback mode to single read, fast loop, or full loop mode. See Application Information
section on readback modes.
1:0
Sleep
Sets device operating mode to full active, ultralow power sleep mode, or low-power duty cycle
mode. See Application Information section on low-power modes.
Table 6: Volatile 0x28
Address
Bits
Name
Description
0x28
31:24
X Axis MSBs
MSBs of the register proportional to the field strength in the X direction.
23:16
Y Axis MSBs
MSBs of the register proportional to the field strength in the Y direction.
15:8
Z Axis MSBs
MSBs of the register proportional to the field strength in the Z direction.
7
New Data
New data update flag for XYZ. Cleared when read. Set when a new update is available. Use this
bit when sampling the device faster than the update rate to avoid averaging the same sample
twice. This bit clears when address 0x28 is read.
6
Interrupt
Set when the interrupt thresholds are crossed. Latched if INT Latch Enable is set. In latched
mode, latch can be cleared by writing a 1 to this bit location.
5:0
Temperature MSBs
MSBs of the temperature register proportional to the absolute temperature.
Table 7: Volatile 0x29
Address
Bits
Name
Description
0x29
31:21
Reserved
Reserved
20
Interrupt Write
Status bit to indicate if an interrupt write is in progress. Will be set if Interrupt EEPROM Enable
is set and an interrupt event has occurred. This field will be set while the device is writing the
Interrupt EEPROM Status bit in address 0x03. When the writing is complete, this bit will clear
automatically.
19:16
X Axis LSBs
LSBs of the register proportional to the field-strength in the X direction.
15:12
Y Axis LSBs
LSBs of the register proportional to the field-strength in the Y direction.
11:8
Z Axis LSBs
LSBs of the register proportional to the field-strength in the Z direction.
7:6
Hall Mode Status
The Hall mode of the current readout. Will be primarily used if 0x02 Hall mode is set to
alternating mode. See Application Information section on Hall modes.
0 = Value measured in Single-Ended Hall Mode
1 = Value measured in Differential Hall Mode
2 = Value measured in Common Hall Mode
5:0
Temperature LSBs
LSBs of the temperature register proportional to the absolute temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com