Electronic Components Datasheet Search
  English  ▼

X  

ALS31313 Datasheet(PDF) 16 Page - Allegro MicroSystems

Part # ALS31313
Description  Automotive Grade, 3-D Linear Hall-Effect Sensor with I2C Output and Advanced Low Power Management
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ALS31313 Datasheet(HTML) 16 Page - Allegro MicroSystems

Back Button ALS31313 Datasheet HTML 12Page - Allegro MicroSystems ALS31313 Datasheet HTML 13Page - Allegro MicroSystems ALS31313 Datasheet HTML 14Page - Allegro MicroSystems ALS31313 Datasheet HTML 15Page - Allegro MicroSystems ALS31313 Datasheet HTML 16Page - Allegro MicroSystems ALS31313 Datasheet HTML 17Page - Allegro MicroSystems ALS31313 Datasheet HTML 18Page - Allegro MicroSystems ALS31313 Datasheet HTML 19Page - Allegro MicroSystems ALS31313 Datasheet HTML 20Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Automotive Grade, 3-D Linear Hall-Effect Sensor
with I2C Output and Advanced Low Power Management
ALS31313
16
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
The inactive time will be determined by the value set in Low-
Power Mode Count Max, Address 0x27, bits 6:4. The ALS31313
offers eight discrete time frames, explained in Table 10. Typical
ICC consumed in the inactive state is 12 µA.
Table 10: LPDCM Inactive Time (tINACTIVE)
Address
Bits
Value
tINACTIVE (typ) (ms)
0x27
6:4
0
0.5
1
1
2
5
3
10
4
50
5
100
6
500
7
1000
The active time will be determined by a combination of the
value in BW Select and the number of magnetic sensing chan-
nels enabled. For more information on LPDCM configuration,
refer to the Low-Power Management Application Note for the
ALS31313.
Bandwidth Selection
BW Select, address 0x02, bits 23:21, controls filtering modes on
the ALS31313 for the X, Y, and Z magnetic channels. This setting
will impact the resolution of sampled magnetic data, the device’s
update rate, and the overall bandwidth.
A lower value for BW Select offers increased measurement
resolution with a longer measurement duration. A higher value
for BW Select offers faster measurement time at the expense of
reduced resolution. This setting is valuable for controlling active
time during low-power duty cycle mode or increasing response
time. Typical noise versus BW Select are listed in Table 11.
Table 11: Bandwidth Select, Filtering Modes,
and Input Referred Noise
BW Select
Value
FIR Enabled
Z Channel
Noise (G)
X/Y Channel
Noise (G)
0
1
1.5
4
1
1
2
5
2
1
2.2
7
3
–
–
–
4
0
2
6
5
0
2.5
8
6
0
3.5
10
7
–
–
–
Update rate (typical) versus BW Select and active channels is
shown in Table 12. While the ALS31313 does update at high
bandwidths internally, throughput may be limited by the I2C
bus clocking frequency at the application level. This concept is
explained in the “Calculation Timing” section of the 3D Linear
and 2D Angle Sensing application note.
Table 12: Bandwidth Select and Update Rate
BW
Select
Value
1 Channel
Update Rate
2 Channel
Update Rate
3 Channel
Update Rate
–3 dB
Bandwidth
µs
kHz
µs
kHz
µs
kHz
kHz
0
160
6
330
3
495
2
3.5
1
80
13
170
6
255
4
7
2
40
25
90
11
135
7
14
3
–
–
–
–
–
–
–
4
64
16
138
7
207
5
10
5
32
31
74
14
111
9
20
6
16
63
42
24
63
16
40
7
–
–
–
–
–
–
–
Magnetic sensing channels on the ALS31313 may be enabled
independently with channel x en, channel y en, and channel z en
bits, listed in Table 13.
Table 13: Channel Enable Control
Address
Bits
Value
Description
0x02
8
1
Enables Z sensing Channel
7
1
Enables Y Sensing Channel
6
1
Enables X Sensing Channel
Hall Modes
The ALS31313 offers multiple schemes to retrieve magnetic data
from the magnetic sensing elements. These settings are controlled
via Hall Mode, address 0x02, bits 20:19, described in Table 14.
Table 14: Hall Modes
Value
Mode
Description
0
Single Ended
Reports magnetic data from Xi, Yi, and Zi
sensing elements.
1
Differential Mode Reports magnetic data from XOE – XOW,
YON – YOS, and Zi sensing elements.
2
Common Mode Reports magnetic data from XOE + XOW,
YON +YOS, and Zi sensing elements.
3
Alternating Mode
Toggles between differential, and common
Hall modes. Use Hall status bits in register
0x29 to decipher origin of magnetic data
sample.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com