Electronic Components Datasheet Search
  English  ▼

X  

UPD17P132CS Datasheet(PDF) 16 Page - NEC

Part # UPD17P132CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P132CS Datasheet(HTML) 16 Page - NEC

Back Button UPD17P132CS Datasheet HTML 12Page - NEC UPD17P132CS Datasheet HTML 13Page - NEC UPD17P132CS Datasheet HTML 14Page - NEC UPD17P132CS Datasheet HTML 15Page - NEC UPD17P132CS Datasheet HTML 16Page - NEC UPD17P132CS Datasheet HTML 17Page - NEC UPD17P132CS Datasheet HTML 18Page - NEC UPD17P132CS Datasheet HTML 19Page - NEC UPD17P132CS Datasheet HTML 20Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 289 page
background image
CHAPTER 1 GENERAL
The
µPD17120, 17121, 17132 and 17133 are 4-bit single-chip microcontrollers employing the 17K architecture
and containing 8-bit timer (1 channel), 3-wire serial interface, and power-on/power-down reset circuit.
The
µPD17P132 and 17P133 are the one-time PROM version of the µPD17132 and 17133, respectively, and are
suitable for program evaluation at system development and for small-scale production.
The following are features of the
µPD17120 subseries.
•
Comparator input (
µPD17132, 17133, 17P132, 17P133 only)
.
Comparison function with external reference voltage (Vref)
.
Can be used as 4-bit A/D converter by using 15 types of internal reference voltage (1/16 to 15/16 VDD) depending
on the software
•
3-wire serial interface: 1 channel
•
Power-on/power-down reset circuit (reducing external circuits)
•
µPD17P132 and 17P133 can operate in the same way as mask ROM version
.
VDD = 2.7 to 5.5 V
These features of the
µPD17120 subseries are suitable for use as a controller or a sub-microcomputer device in
the following application fields;
•
Electric fan
•
Hot plate
•
Audio equipment
•
Mouse
•
Printer
•
Plain paper copier
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com