Electronic Components Datasheet Search
  English  ▼

X  

UPD17P132CS Datasheet(PDF) 89 Page - NEC

Part # UPD17P132CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P132CS Datasheet(HTML) 89 Page - NEC

Back Button UPD17P132CS Datasheet HTML 85Page - NEC UPD17P132CS Datasheet HTML 86Page - NEC UPD17P132CS Datasheet HTML 87Page - NEC UPD17P132CS Datasheet HTML 88Page - NEC UPD17P132CS Datasheet HTML 89Page - NEC UPD17P132CS Datasheet HTML 90Page - NEC UPD17P132CS Datasheet HTML 91Page - NEC UPD17P132CS Datasheet HTML 92Page - NEC UPD17P132CS Datasheet HTML 93Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 289 page
background image
CHAPTER 9
REGISTER FILE (RF)
74
Figure 9-3 shows an example of register file operation.
As shown in Figure 9-3, reading and writing of data to and from the control register (address locations 00H to 3FH)
is performed using the "PEEK WR, rf" and "POKE rf, WR" instructions. Data within the control register specified using
rf can be read from and written to the control register, only by using these instructions with the window register.
The fact that the register file overlaps with data memory in addresses 40H to 7FH has the following effect: When
a "PEEK WR, rf" or "POKE rf, WR" instruction is executed, the effect is the same as if they were being executed on
the data memory address (in the current bank) specified by rf.
Addresses 40H to 7FH of the register file can be operated by normal memory manipulation instructions.
Control registers can be manipulated in 1-bit unit by using built-in macro instruction.
Figure 9-3. Accessing the Register File Using the PEEK and POKE Instructions
0
1
2
3
4
5
6
7
0
System register
<6> ST
Column address
123456789
A
B
C
D
E
F
Data memory
<2> LD
M030, WR
<3> POKE RF73, WR
<4> PEEK WR, RF70
BANK0
0
1
2
3
<1> PEEK WR, RF11
<5> POKE RF33, WR
Control register
WR, M032
WR
Register file



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com