Electronic Components Datasheet Search
  English  ▼

X  

UPD17P132CS Datasheet(PDF) 65 Page - NEC

Part # UPD17P132CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P132CS Datasheet(HTML) 65 Page - NEC

Back Button UPD17P132CS Datasheet HTML 61Page - NEC UPD17P132CS Datasheet HTML 62Page - NEC UPD17P132CS Datasheet HTML 63Page - NEC UPD17P132CS Datasheet HTML 64Page - NEC UPD17P132CS Datasheet HTML 65Page - NEC UPD17P132CS Datasheet HTML 66Page - NEC UPD17P132CS Datasheet HTML 67Page - NEC UPD17P132CS Datasheet HTML 68Page - NEC UPD17P132CS Datasheet HTML 69Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 289 page
background image
CHAPTER 7
SYSTEM REGISTER (SYSREG)
50
7.5.3 MPE=0 and IXE=0 (No Data Memory Modification)
As shown in Figure 7-8, data memory addresses are not affected by the index register and the data memory row
address pointer.
(1) Data memory manipulation instructions
Example 1. General register is in row address 0
R003
MEM
0.03H
M061
MEM
0.61H
ADD
R003, M061
As shown in Figure 7-9, when the above instructions are executed, the data in general register
address R003 and data memory address M061 are added together and the result is stored
in general address R003.
(2) Indirect transfer of data in the general register (horizontal indirect transfer)
Example 2. General register is in row address 0
R005
MEM
0.05H
M034
MEM
0.34H
MOV
R005, #8
; R005
← 8
MOV
@R005, M034
; Indirect transfer of data in the register
As shown in Figure 7-9, when the above instructions are executed, the data stored in data
memory address M034 is transferred to data memory location 38H.
In other words, the MOV @r, m instruction causes the contents in the data memory address
specified by m to be transferred to the data memory location specified by @r (which by
definition has the same row address as m).
The indirect data transfer address has the same row address as m (example above uses row
address 3) and the column address is the value contained in the general register address
specified by r (example above uses column address 8). Therefore the address in the above
example is 38H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com