Electronic Components Datasheet Search
  English  ▼

X  

UPD17P132CS Datasheet(PDF) 62 Page - NEC

Part # UPD17P132CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P132CS Datasheet(HTML) 62 Page - NEC

Back Button UPD17P132CS Datasheet HTML 58Page - NEC UPD17P132CS Datasheet HTML 59Page - NEC UPD17P132CS Datasheet HTML 60Page - NEC UPD17P132CS Datasheet HTML 61Page - NEC UPD17P132CS Datasheet HTML 62Page - NEC UPD17P132CS Datasheet HTML 63Page - NEC UPD17P132CS Datasheet HTML 64Page - NEC UPD17P132CS Datasheet HTML 65Page - NEC UPD17P132CS Datasheet HTML 66Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 289 page
background image
CHAPTER 7
SYSTEM REGISTER (SYSREG)
47
7.5 INDEX REGISTER (IX) AND DATA MEMORY ROW ADDRESS POINTER (Memory Pointer: MP)
7.5.1 Index Register (IX)
IX is used for address modification to data memory. It differs from MP in that its modification object is an address
that is specified as the bank or operand m.
As shown in Figure 7-7, IX is mapped to a total of 12 bits of system registers: 7AH (IXH), 7BH (IXM), and 7CH
(IXL). The index register enable flag (IXE) which enables address modification by IX is allocated to the lowest bit
of the PSW.
When IXE=1, an address in data memory specified with operand m is not m but the address indicated by the OR
of m, IXM and IXL. The bank specified at this time is that indicated by the OR of BANK and IXH.
Remark
The IXH of the
µPD17120 subseries is "fixed to 0" and therefore the bank is modified even when IXE=1
(thus preventing the bank from becoming other than 0).
7.5.2 Data Memory Row Address Pointer (Memory Pointer: MP)
MP is used for address modification to data memory. It differs from IX in that its modification object is the row
address of the address that is indirectly specified with the bank and operand @r.
As shown in Figure 7-7, MPH and IXH, and MPL and IXM, are respectively mapped to the same addresses (system
registers 7AH and 7BH). It is MPH's lower 3 bits and MPL's full 7 bits that are actually functioning as the MP. To
MPH's most significant bit is allocated the memory pointer enable flag (MPE) which enables address modification
by the MP.
When MPE=1, the bank and row address of the data memory indirectly specified with operand @r is not BANK
and mR but the address specified by the MP. (The column address is specified with the contents of r regardless
of the MPE.) At this time, MPH's lower 3 bits and MPL's most significant 4 bits point to BANK; and MPL's lower
3 bits point to the row address.
Remark
The MPH's lower 3 bits and MPL's most significant bit in the
µPD17120 subseries are "fixed to 0" and
therefore the bank is cleared to 0 even when MPE=1 (thus preventing the bank from becoming other
than 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com