Electronic Components Datasheet Search
  English  ▼

X  

UPD17P132CS Datasheet(PDF) 22 Page - NEC

Part # UPD17P132CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P132CS Datasheet(HTML) 22 Page - NEC

Back Button UPD17P132CS Datasheet HTML 18Page - NEC UPD17P132CS Datasheet HTML 19Page - NEC UPD17P132CS Datasheet HTML 20Page - NEC UPD17P132CS Datasheet HTML 21Page - NEC UPD17P132CS Datasheet HTML 22Page - NEC UPD17P132CS Datasheet HTML 23Page - NEC UPD17P132CS Datasheet HTML 24Page - NEC UPD17P132CS Datasheet HTML 25Page - NEC UPD17P132CS Datasheet HTML 26Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 289 page
background image
CHAPTER 1
GENERAL
7
(2) Program memory write/verify mode
Caution ( ) represents processing of the pins which are not used in program memory write/verify mode.
L
: Connect to GND via pull-down resistor one by one.
Open : This pin should not be connected.
(3) Pin name
Cin0 to Cin3
:
Comparator input
CLK
:
Clock input for address verification
D0 to D7
:
Data input/output
GND
:
Ground
INT
:
External interrupt input
MD0 to MD3
:
Operating mode selection
P0A0 to P0A3
:
Port 0A
P0B0 to P0B3
:
Port 0B
P0C0 to P0C3
:
Port 0C
P0D0 to P0D3
:
Port 0D
P0E0 to P0E3
:
Port 0E
RESET
:
Reset input
SCK
:
Serial clock input/output
SI
:
Serial data input
SO
:
Serial data output
TMOUT
:
Timer output
VDD
:
Power supply
VPP
:
Programming voltage supply
Vref
:
External reference voltage
XIN, XOUT
:
System clock oscillation
GND
CLK
Open
(L)
MD0
MD1
MD2
MD3
D0
D1
D2
D3
VDD
VPP
D7
D6
D5
D4
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
(L)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com