Electronic Components Datasheet Search
  English  ▼

X  

UPD17P132CS Datasheet(PDF) 35 Page - NEC

Part # UPD17P132CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P132CS Datasheet(HTML) 35 Page - NEC

Back Button UPD17P132CS Datasheet HTML 31Page - NEC UPD17P132CS Datasheet HTML 32Page - NEC UPD17P132CS Datasheet HTML 33Page - NEC UPD17P132CS Datasheet HTML 34Page - NEC UPD17P132CS Datasheet HTML 35Page - NEC UPD17P132CS Datasheet HTML 36Page - NEC UPD17P132CS Datasheet HTML 37Page - NEC UPD17P132CS Datasheet HTML 38Page - NEC UPD17P132CS Datasheet HTML 39Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 289 page
background image
CHAPTER 3
PROGRAM COUNTER (PC)
20
Figure 3-2. Value of the Program Counter after an Instruction Is Executed
Program Counter Bit
Program Counter Value
Instruction
PC9 PC8 PC7 PC6 PC5 PC4 PC3 PC2 PC1 PC0
During reset
0
0
0
0
0
0
0
0
0
0
BR addr
CALL addr
BR @AR
CALL @AR
Value in the address register (AR)
(MOVT DBF, @AR)
RET
RETSK
RETI
During interrupt
Each interrupted vector address
3.2.1 Program Counter at Reset
By setting the RESET terminals to low, the program counter is set to 000H.
Figure 3-3. Value in the Program Counter after Reset
Value set by addr
Value in the address stack register location pointed to the
stack pointer (return address)
MSB
0
All bits are set to 0
000000000
LSB
3.2.2 Program Counter during Execution of the Branch Instruction (BR)
There are two ways to specify branching using the branch instruction. One is to specify the branch address in
the operand using the direct branch instruction (BR addr). The other is to branch to the address specified by the
address register using the indirect branch instruction (BR @AR).
The address specified by a direct branch instruction is placed in the program counter.
Figure 3-4. Value in the Program Counter during Execution of a Direct Branch Instruction
MSB
PC9
PC8
PC7
PC6
PC5
PC4
PC3
PC2
PC1
PC0
LSB
Address specified by addr
An indirect branch instruction causes the address in the address counter to be placed in the program counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com