Electronic Components Datasheet Search
  English  ▼

X  

UPD17P132CS Datasheet(PDF) 90 Page - NEC

Part # UPD17P132CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P132CS Datasheet(HTML) 90 Page - NEC

Back Button UPD17P132CS Datasheet HTML 86Page - NEC UPD17P132CS Datasheet HTML 87Page - NEC UPD17P132CS Datasheet HTML 88Page - NEC UPD17P132CS Datasheet HTML 89Page - NEC UPD17P132CS Datasheet HTML 90Page - NEC UPD17P132CS Datasheet HTML 91Page - NEC UPD17P132CS Datasheet HTML 92Page - NEC UPD17P132CS Datasheet HTML 93Page - NEC UPD17P132CS Datasheet HTML 94Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 289 page
background image
CHAPTER 9
REGISTER FILE (RF)
75
9.3 CONTROL REGISTER
The control register consists of 64 nibbles (64
× 4 bits) allocated in register file address locations 00H to 3FH.
Of these nibbles, only 17 nibbles are actually used in the
µPD17120 and 17121, and 20 nibbles are used in the
µPD17132, 17133, 17P132, and 17P133.
There are two types of registers, both of which occupy one nibble of memory. One type is read/write (R/W), and
the other is read-only (R).
Note that within the read/write (R/W) flags, there exists a flag that will always be read as 0.
The following read/write (R/W) flags are those flags which will always be read as 0:
• TMRES
(RF: 11H, bit 2)
Within the four bits of data in a nibble, there are bits which are fixed at 0 and will therefore always be read as
0. These bits remain fixed at 0 even when an attempt is made to write to them.
Attempting to read data in the unused register address area will yield unpredictable values. In addition, attempting
to write to this area has no effect.
Concerning the configuration of control register, refer to Figures 19-1 and 19-2.
9.4 CAUTIONS ON USING THE REGISTER FILE
9.4.1 Concerning Operation of the Control Register (Read-Only and Unused Registers)
It is necessary to take note of the following notes concerning device operation and use of the 17K Series assembler
(AS17K) and in-circuit emulator (IE-17K or IE-17K-ET) with regard to the read-only (R) and unused registers in the
control register (register file address locations 00H to 3FH).
(1) Device operation
Writing to a read-only register has no effect.
Attempting to read data from an address in the unused data area will yield an unpredictable value. Attempting
to write to an address in the unused data area has no effect.
(2) During use of the assembler (AS17K)
An error will be generated if an attempt is made to write to a read-only register.
An error will also be generated if an attempt is made to read from or write to an address in the unused data
area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com