Electronic Components Datasheet Search
  English  ▼

X  

UPD17P133CS Datasheet(PDF) 48 Page - NEC

Part # UPD17P133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P133CS Datasheet(HTML) 48 Page - NEC

Back Button UPD17P133CS Datasheet HTML 44Page - NEC UPD17P133CS Datasheet HTML 45Page - NEC UPD17P133CS Datasheet HTML 46Page - NEC UPD17P133CS Datasheet HTML 47Page - NEC UPD17P133CS Datasheet HTML 48Page - NEC UPD17P133CS Datasheet HTML 49Page - NEC UPD17P133CS Datasheet HTML 50Page - NEC UPD17P133CS Datasheet HTML 51Page - NEC UPD17P133CS Datasheet HTML 52Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 289 page
background image
CHAPTER 5
DATA MEMORY (RAM)
33
5.1.4 Port Registers
A port register consists of five nibbles allocated at addresses 6FH to 73H in Bank0 of the data memory. As shown
in Figure 5-5, the two high-order bits of address 6FH are always set to 0.
Figure 5-5 shows the configuration of the port registers.
Figure 5-5. Port Register Configuration
Port Register
Address
6FH
70H
71H
72H
73H
P0E
P0A
P0B
P0C
P0D
PPPPPPPPPPPPPPPPPP
000000000000000000
E
E
AAAABBBBCCCC
DDDD
103210321032103210
5.1.5 General Data Memory
General data memory is all the data memory not used by the port and system registers (SYSREG). In other words,
general data memory consists of 64 nibbles (
µPD17120 and 17121) or 111 nibbles (µPD17132, 17133, 17P132, and
17P133).
5.1.6 Uninstalled Data Memory
There is no hardware installed at addresses 40H to 6EH of the
µPD17120 and 17121. Any attempt to read this
area will yield unpredictable results. Writing data to this area is invalid and should therefore not be attempted.
Figure 5-4. General Register (GR) Configuration
00
BANK0
Area specifiable as general register
0
1
2
3
4
5
6
7
0123456789
A
B
C
D
E
F
BANK0
Port register
Column address
SYSREG
General register
Pointed to by general register
pointer (RP) in system register.
Note that row addresses 4 to 6
in the case of the
PD17120
and 17121 are uninstalled mem-
ory locations. The register
pointer (RP) should therefore
not specify a row address in this
area.
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com