Electronic Components Datasheet Search
  English  ▼

X  

UPD17P133CS Datasheet(PDF) 80 Page - NEC

Part # UPD17P133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P133CS Datasheet(HTML) 80 Page - NEC

Back Button UPD17P133CS Datasheet HTML 76Page - NEC UPD17P133CS Datasheet HTML 77Page - NEC UPD17P133CS Datasheet HTML 78Page - NEC UPD17P133CS Datasheet HTML 79Page - NEC UPD17P133CS Datasheet HTML 80Page - NEC UPD17P133CS Datasheet HTML 81Page - NEC UPD17P133CS Datasheet HTML 82Page - NEC UPD17P133CS Datasheet HTML 83Page - NEC UPD17P133CS Datasheet HTML 84Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 289 page
background image
CHAPTER 7
SYSTEM REGISTER (SYSREG)
65
7.8 CAUTIONS ON USE OF THE SYSTEM REGISTER
7.8.1 Reserved Words for Use with the System Register
Because the system register is allocated in data memory, it can be used in any of the data memory manipulation
instructions. As shown in Example 1 (using a 17K Series Assembler - AS17K), because a data memory address can
not be directly specified in an instruction operand, it needs to be defined as a symbol beforehand.
The system register is data memory, but has specialized functions which make it different from general-purpose
data memory. Because of this, the system register is used by defining it beforehand with symbols (used as reserved
words) in the assembler (AS17K).
Reserved words for use with the system register are allocated in address locations 74H to 7FH. They are defined
by the symbols (AR3, AR2, ..., PSW) shown in Figure 7-2.
As shown in Example 2, if these reserved words are used, it is not necessary to define symbols.
For information concerning reserved words, refer to CHAPTER 19 ASSEMBLER RESERVED WORDS.
Example 1.
MOV
34H, #0101B
;
Using a data memory address like 34H or 76H will
MOV
76H, #1010B
;
cause an error in the assembler.
M037
MEM
0.37H
;
Addresses in general data memory need to be
MOV
M037, #0101B
;
defined as symbols using the MEM pseudo instruction.
2.
MOV
AR1, #1010B
;
By using the reserved word AR1 (address 76H),
;
there is no need to define the address as a symbol.
;
Reserved word AR1 is defined in a device file with
;
the pseudo instruction "AR1 MEM 0.76H".
Assembler AS17K has the below flag symbol handling instructions defined as macros.
SETn:
Set a flag to 1
CLRn:
Rest a flag to 0
SKTn:
Skip when all flags are 1
SKFn:
Skip when all flags are 0
NOTn:
Invert a flag
INITFLG:
Initialize a flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com