Electronic Components Datasheet Search
  English  ▼

X  

UPD17P133CS Datasheet(PDF) 87 Page - NEC

Part # UPD17P133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P133CS Datasheet(HTML) 87 Page - NEC

Back Button UPD17P133CS Datasheet HTML 83Page - NEC UPD17P133CS Datasheet HTML 84Page - NEC UPD17P133CS Datasheet HTML 85Page - NEC UPD17P133CS Datasheet HTML 86Page - NEC UPD17P133CS Datasheet HTML 87Page - NEC UPD17P133CS Datasheet HTML 88Page - NEC UPD17P133CS Datasheet HTML 89Page - NEC UPD17P133CS Datasheet HTML 90Page - NEC UPD17P133CS Datasheet HTML 91Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 289 page
background image
CHAPTER 9
REGISTER FILE (RF)
72
Figure 9-2. Relationship Between the Register File and Data Memory
0
1
2
3
4
5
6
7
Data memory
0
Column address
123456789 A B C D E F
BANK0
System register
Control register
Port register
0
1
2
3
Register file
9.2 FUNCTIONS OF THE REGISTER FILE
9.2.1 Functions of the Register File
The register file is mainly used as a control register (a register called the control register is allocated in the register
file) for specifying conditions for peripheral hardware.
This control register is allocated within the register file at address location 00H to 3FH.
The rest of the register file (40H to 7FH) overlaps with data memory. As shown in 9.2.3, because of this overlap,
this area of the register file is the same as normal memory with one exception: The register file manipulation
instructions PEEK and POKE can be used with this area of memory but not with normal data memory.
9.2.2 Control Register Functions
The peripheral hardware whose conditions can be controlled by control registers is listed below.
For details concerning peripheral hardware and the control register, refer to the section for the peripheral hardware
concerned.
• Stack
• INT pin
• Power-on/power-down reset
• Comparator
• Timer
• General ports
• Serial interface
• Interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com