Electronic Components Datasheet Search
  English  ▼

X  

UPD17P133CS Datasheet(PDF) 75 Page - NEC

Part # UPD17P133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P133CS Datasheet(HTML) 75 Page - NEC

Back Button UPD17P133CS Datasheet HTML 71Page - NEC UPD17P133CS Datasheet HTML 72Page - NEC UPD17P133CS Datasheet HTML 73Page - NEC UPD17P133CS Datasheet HTML 74Page - NEC UPD17P133CS Datasheet HTML 75Page - NEC UPD17P133CS Datasheet HTML 76Page - NEC UPD17P133CS Datasheet HTML 77Page - NEC UPD17P133CS Datasheet HTML 78Page - NEC UPD17P133CS Datasheet HTML 79Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 289 page
background image
CHAPTER 7
SYSTEM REGISTER (SYSREG)
60
7.6.2 Functions of the General Register Pointer
The general register pointer is used to specify the location of the general register in data memory. For a more
detailed explanation, refer to CHAPTER 8 GENERAL REGISTER (GR).
The general register consists of sixteen nibbles in any single row of data memory. As shown in Figure 7-15, the
general register pointer is used to indicate which row address is being used as the general register.
Since the general register pointer effectively consists of three bits, the data memory row addresses in which the
general register can be placed are address locations 0H to 7H of BANK0. In other words, any row in data memory
can be specified as the general register.
With the general register allocated in data memory, data can be transferred to and from, and arithmetic/logical
operations can be performed on the general register and data memory.
Note that addresses 40H to 6EH are uninstalled memory locations and should therefore not be specified as
locations for the general register.
For example, when instructions such as
ADD r,m and LD r,m
are executed, instruction operand r can specify an address in the general register and m specifies an address in data
memory. In this way, operations like addition and data transfer can be performed on and between data memory
and the general register.
Figure 7-15. General Register Configuration
Notes
1. These bits should not be specified in the case of the
µPD17120 and 17121.
2. This bit is allocated to BCD flag.
b1
0
1
0
1
0
1
0
1
b2
0
0
1
1
0
0
1
1
b3
0
0
0
0
1
1
1
1
b0
b1
b2
b3
b0
Note
2
RPH
RPL
Note 1
0
1
2
3
4
5
6
7
0123456789
A B C D E
F
BP
General register (16 nibbles)
System register
BANK0
General register pointer
(RP)
Example :
General
register
with
RPH=0000B
RPL=010
×B
Area in which
general register
can be specified
Column address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com