Electronic Components Datasheet Search
  English  ▼

X  

UPD17P133CS Datasheet(PDF) 57 Page - NEC

Part # UPD17P133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P133CS Datasheet(HTML) 57 Page - NEC

Back Button UPD17P133CS Datasheet HTML 53Page - NEC UPD17P133CS Datasheet HTML 54Page - NEC UPD17P133CS Datasheet HTML 55Page - NEC UPD17P133CS Datasheet HTML 56Page - NEC UPD17P133CS Datasheet HTML 57Page - NEC UPD17P133CS Datasheet HTML 58Page - NEC UPD17P133CS Datasheet HTML 59Page - NEC UPD17P133CS Datasheet HTML 60Page - NEC UPD17P133CS Datasheet HTML 61Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 289 page
background image
CHAPTER 7
SYSTEM REGISTER (SYSREG)
42
Figure 7-2 shows the configuration of the system register. As shown in Figure 7-2, the system register consists
of the following seven registers.
• Address register
(AR)
• Window register
(WR)
• Bank register
(BANK)
• Index register
(IX)
• Data memory row address pointer
(MP)
• General register pointer
(RP)
• Program status word
(PSWORD)
Figure 7-2. System Register Configuration
Note Zeros in the columns indicates "0 fixed".
74H
Address
77H
75H
76H
78H
79H
7AH
7BH
7CH
7DH
7EH
7FH
b3 b2 b1 b0
AR3
0000
b3 b2 b1 b0
AR2
0000
b3 b2 b1 b0
AR1
0000
b3 b2 b1 b0
AR0
0000
b3 b2 b1 b0
WR
b3 b2 b1 b0
BANK
0000
b3 b2 b1 b0
IXH
MPH
0000
b3 b2 b1 b0
IXM
MPL
0000
b3 b2 b1 b0
IXL
0000
b3 b2 b1 b0
RPH
0000
b3 b2 b1 b0
RPL
0000
b3 b2 b1 b0
PSW
0000
000000
0000
M
P
E
0000
0000
B
C
D
C
M
P
C
YZ
I
X
E
Name
Bit
Symbol
Data
Note
Initial value
when reset
Address register
(AR)
Window
register
(WR)
Data memory
row address
pointer (MP)
Index register
(IX)
General
register
pointer
(RP)
Program
status
word
(PSWORD)
Not
defined
(AR)
Bank
register
(BANK)
(BANK)
(MP)
(RP)
(IX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com