Electronic Components Datasheet Search
  English  ▼

X  

UPD17P133CS Datasheet(PDF) 60 Page - NEC

Part # UPD17P133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P133CS Datasheet(HTML) 60 Page - NEC

Back Button UPD17P133CS Datasheet HTML 56Page - NEC UPD17P133CS Datasheet HTML 57Page - NEC UPD17P133CS Datasheet HTML 58Page - NEC UPD17P133CS Datasheet HTML 59Page - NEC UPD17P133CS Datasheet HTML 60Page - NEC UPD17P133CS Datasheet HTML 61Page - NEC UPD17P133CS Datasheet HTML 62Page - NEC UPD17P133CS Datasheet HTML 63Page - NEC UPD17P133CS Datasheet HTML 64Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 289 page
background image
CHAPTER 7
SYSTEM REGISTER (SYSREG)
45
7.3 WINDOW REGISTER (WR)
7.3.1 Window Register Configuration
Figure 7-5 shows the configuration of the window register.
As shown in Figure 7-5, the window register (WR) consists of four bits allocated at address 78H of the system
register. The contents of the window register is undefined after a system reset. However, when RESET input is
used to release the system from HALT or STOP mode, the previous state of the window register is maintained.
Figure 7-5. Window Register Configuration
7.3.2 Window Register Functions
The window register is used to transfer data to and from the register file (RF).
Data is transferred to and from the register file using the instructions PEEK WR, rf and POKE rf, WR. For details,
refer to 9.2.3 Register File Manipulation Instructions.
78H
Window register
WR
Not defined
Address
Name
Bit
Symbol
Data
Initial value when reset
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com