Electronic Components Datasheet Search
  English  ▼

X  

UPD17P133CS Datasheet(PDF) 103 Page - NEC

Part # UPD17P133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P133CS Datasheet(HTML) 103 Page - NEC

Back Button UPD17P133CS Datasheet HTML 99Page - NEC UPD17P133CS Datasheet HTML 100Page - NEC UPD17P133CS Datasheet HTML 101Page - NEC UPD17P133CS Datasheet HTML 102Page - NEC UPD17P133CS Datasheet HTML 103Page - NEC UPD17P133CS Datasheet HTML 104Page - NEC UPD17P133CS Datasheet HTML 105Page - NEC UPD17P133CS Datasheet HTML 106Page - NEC UPD17P133CS Datasheet HTML 107Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 289 page
background image
CHAPTER 11
ARITHMETIC AND LOGIC UNIT
88
Table 11-1. List of ALU Instructions (1/2)
ALU Functions
Instruction
Operation
Explanation
ADD r, m
(r)
← (r) + (m)
Adds contents of general register and data memory.
Result is stored in general register.
ADD m, #n4
(m)
← (m) + n4
Adds immediate data to contents of data memory.
Result is stored in data memory.
ADDC r, m
(r)
← (r) + (m) + CY
Adds contents of general register, data memory and
carry flag. Result is stored in general register.
ADDC m, #n4
(m)
← (m) + n4 + CY
Adds immediate data, contents of data memory and
carry flag. Result is stored in data memory.
SUB r, m
(r)
← (r) – (m)
Subtracts contents of data memory from contents of
general register. Result is stored in general register.
SUB m, #n4
(m)
← (m) – n4
Subtracts immediate data from data memory. Result
is stored in data memory.
SUBC r, m
(r)
← (r) – (m) – CY
Subtracts contents of data memory and carry flag from
contents of general register. Result is stored in general
register.
SUBC m, #n4
(m)
← (m) – n4 – CY
Subtracts immediate data and carry flag from data
memory. Result is stored in data memory.
OR r, m
(r)
← (r)
(m)
OR operation is performed on contents of general
register and data memory. Result is stored in general
register.
OR m, #n4
(m)
← (m)
n4
OR operation is performed on immediate data and
contents of data memory.
Result is stored in data
memory.
AND r, m
(r)
← (r)
(m)
AND operation is performed on contents of general
register and data memory. Result is stored in general
register.
AND m, #n4
(m)
← (m)
n4
AND operation is performed on immediate data and
contents of data memory.
Result is stored in data
memory.
XOR r, m
(r)
← (r)
(m)
XOR operation is performed on contents of general
register and data memory. Result is stored in general
register.
XOR m, #n4
(m)
← (m)
n4
XOR operation is performed on immediate data and
contents of data memory.
Result is stored in data
memory.
TRUE
SKT m, #n
CMP
← 0, if (m)
n=n,
Skips next instruction if all bits in data memory
then skip
specified by n are TRUE (1). Result is not stored.
FALSE
SKF m, #n
CMP
← 0, if (m)
n=0,
Skips next instruction if all bits in data memory
then skip
specified by n are FALSE (0). Result is not stored.
Equal
SKE m, #n4
(m) – n4, skip if zero
Skips next instruction if immediate data equals
contents of data memory. Result is not stored.
Not
SKNE m, #n4
(m) – n4, skip if not zero
Skips next instruction if immediate data is not equal
equal
to contents of data memory. Result is not stored.
≥
SKGE m, #n4
(m) – n4, skip if not borrow
Skips next instruction if contents of data memory is
greater than or equal to immediate data. Result is
not stored.
<
SKLT m, #n4
(m) – n4, skip if borrow
Skips next instruction if contents of data memory is
less than immediate data. Result is not stored.
Rotation
RORC r
Rotate contents of the general register along with
the CY flag to the right. Result is stored in general
register.
Bit
judge-
ment
Rotate
to the
right
Arith-
metic
opera-
tions
Addi-
tion
Sub-
traction
Logical
opera-
tions
Logical
OR
Logical
AND
Logical
XOR
CY
→(r)b3→(r)b2→(r)b1→(r)b0
Com-
parison
judge-
ment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com