Electronic Components Datasheet Search
  English  ▼

X  

GD25Q256DFIR Datasheet(PDF) 18 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q256DFIR
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q256DFIR Datasheet(HTML) 18 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q256DFIR Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 89 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q256D
18
Chip Erase
3 & 4
C7/60H
Enable Reset
3 & 4
66H
Reset
3 & 4
99H
Program/Erase
Suspend
3 & 4
75H
Program/Erase
Resume
3 & 4
7AH
Set Burst with
Wrap (5)
3 & 4
77H
dummy
W7-W0
Release From
Deep
Power-Down
3 & 4
ABH
Read
Device
ID
3 & 4
ABH
dummy
dummy
dummy
(DID7-
DID0)
(cont.)
Deep
Power-
Down
3 & 4
B9H
Manufacturer/
Device ID
3 & 4
90H
00H
00H
00H
(MID7-
MID0)
(DID7-DID0) (cont.)
Manufacturer/
Device ID by
Dual I/O
3 & 4
92H
A23-A8
A7-A0,
M7-M0
(MID7-MID0)
(DID7-DID0)
Manufacturer/
Device ID by
Quad I/O
3 & 4
94H
A23-A0,
M7-M0
dummy
(5)
(MID7-MID0)
(DID7-DID0)
Read
Identification
3 & 4
9FH
(MID7-
MID0)
(JDID15-
JDID8)
(JDID7-
JDID0)
(cont.)
Enter 4-Byte
Address Mode
3 & 4
B7H
Exit 4-Byte
Address Mode
3 & 4
E9H
Read Data
with 4-Byte
Address
3 & 4
13H
A31-A24
A23-A16
A15-A8
A7-A0
(D7-D0)
Fast Read with
4-Byte
Address
3 & 4
0CH
A31-A24
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)
Fast Read
Dual Output
with 4-Byte
Address (1)
3 & 4
3CH
A31-A24
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)
Fast Read
Quad Output
with 4-Byte
Address (3)
3 & 4
6CH
A31-A24
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)
Fast Read
Dual I/O with
4-Byte
Address (2)
3 & 4
BCH
A31-A24
A23-A16
A15-A8
A7-A0
M7-M0
(D7-D0)
Fast Read
Quad I/O with
4-Byte
Address (4)
3 & 4
ECH
A31-A24
A23-A16
A15-A8
A7-A0
M7-M0
dummy
dummy
D7-D0
Page Program
with 4-Byte
Address
3 & 4
12H
A31-A24
A23-A16
A15-A8
A7-A0
D7-D0
Next Byte
Quad Page
3 & 4
34H
A31-A24
A23-A16
A15-A8
A7-A0
D7-D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com