Electronic Components Datasheet Search
  English  ▼

X  

GD25Q256DFIR Datasheet(PDF) 45 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q256DFIR
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q256DFIR Datasheet(HTML) 45 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q256DFIR Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 44Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 46Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 89 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q256D
45
7.17.
Sector Erase (SE 20H or 4SE 21H)
The Sector Erase (SE) command is erased the all data of the chosen sector. A Write Enable (WREN) command must
previously have been executed to set the Write Enable Latch (WEL) bit. The Sector Erase (SE) command is entered by
driving CS# low, followed by the command code, and 3-address Byte on SI. Any address inside the sector is a valid address
for the Sector Erase (SE) command. CS# must be driven low for the entire duration of the sequence.
The Sector Erase command sequence: CS# goes low  sending Sector Erase command  3-Byte address on SI 
CS# goes high. CS# must be driven high after the eighth bit of the last address Byte has been latched in; otherwise the
Sector Erase (SE) command is not executed. As soon as CS# is driven high, the self-timed Sector Erase cycle (whose
duration is tSE) is initiated. While the Sector Erase cycle is in progress, the Status Register may be read to check the value
of the Write in Progress (WIP) bit. The Write in Progress (WIP) bit is 1 during the self-timed Sector Erase cycle, and is 0
when it is completed. At some unspecified time before the cycle is completed, the Write Enable Latch (WEL) bit is reset. A
Sector Erase (SE) command applied to a sector which is protected by the Block Protect (TB, BP3, BP2, BP1, and BP0) bit
is not executed.
Figure 43. Sector Erase Sequence Diagram (ADS=0)
Figure 44. Sector Erase Sequence Diagram (ADS=1)
Figure 45. Sector Erase with 4-Byte Address Sequence Diagram (ADS=0 or ADS=1)
Command
0
1
2
3
4
5
6
7
20H
CS#
SCLK
SI
8
9
37 38 39
MSB
2
1
0
32 Bits Address
31 30
Command
0
1
2
3
4
5
6
7
20H
CS#
SCLK
SI
8
9
29 30 31
MSB
2
1
0
24 Bits Address
23 22
Command
0
1
2
3
4
5
6
7
21H
CS#
SCLK
SI
8
9
37 38 39
MSB
2
1
0
32 Bits Address
31 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com