Electronic Components Datasheet Search
  English  ▼

X  

GD25Q256DFIR Datasheet(PDF) 50 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q256DFIR
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q256DFIR Datasheet(HTML) 50 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q256DFIR Datasheet HTML 46Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 50Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 89 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q256D
50
7.23.
Enter 4-Byte Address Mode (B7H)
The Enter 4-Byte Address Mode command enables accessing the address length of 32-bit for the memory area of
higher density (larger than 128Mb). The device default is in 24-bit address mode; after sending out the EN4B instruction,
the bit8 (ADS bit
) of status register will be automatically set to “1” to indicate the 4-Byte address mode has been enabled.
Once the 4-Byte address mode is enabled, the address length becomes 32-bit instead of the default 24-bit.
All instructions are accepted normally, and just the address bit is changed from 24-bit to 32-bit.
The sequence of issuing EN4B instruction is: CS# goes low  sending Enter 4-Byte mode command CS# goes
high.
Figure 56. Enter 4-Byte Address Mode Sequence Diagram
7.24.
Exit 4-Byte Address Mode (E9H)
The Exit 4-Byte Address Mode command is executed to exit the 4-Byte address mode and return to the default 3-Byte
address mode. After sending out the EX4B instruction, the bit8 (ADS bit
) of status register will be cleared to “0” to indicate
the exit of the 4-Byte address mode. Once exiting the 4-Byte address mode, the address length will return to 24-bit.
The sequence of issuing EN4B instruction is: CS# goes low  sending Exit 4-Byte Address Mode command CS#
goes high.
Figure 57.Exit 4-Byte Address Mode Sequence Diagram
Command
0
1
2
3
4
5
6
7
B7H
CS#
SCLK
SI
SO
High-Z
Command
0
1
2
3
4
5
6
7
E9H
CS#
SCLK
SI
SO
High-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com